Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 38 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 38 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 34Page - Silicon image EM260-RTR Datasheet HTML 35Page - Silicon image EM260-RTR Datasheet HTML 36Page - Silicon image EM260-RTR Datasheet HTML 37Page - Silicon image EM260-RTR Datasheet HTML 38Page - Silicon image EM260-RTR Datasheet HTML 39Page - Silicon image EM260-RTR Datasheet HTML 40Page - Silicon image EM260-RTR Datasheet HTML 41Page - Silicon image EM260-RTR Datasheet HTML 42Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
EM260
120-0260-000M Rev 1.1
Page 38
8
Typical Application
Figure 14 illustrates the typical application circuit for the EM260 using the SPI Protocol. This figure does not
contain all decoupling capacitance required by the EM260. The Balun provides the impedance transformation
from the antenna to the EM260 for both TX and RX modes. The harmonic filter provides additional suppression
of the second harmonic, which increases the margin over the FCC limit. The 24MHz crystal with loading
capacitors is required and provides the high frequency source for the EM260. The RC debounce filter (R4 and
C7) is suggested to improve the noise immunity of the nRESET logic (Pin 11).
The SIF (nSIF_LOAD, SIF_MOSI, SIF_MISO, and SIF_CLK), Packet Trace (PTI_EN and PTI_DATA), and SDBG signals
should be brought out test points or, if space permits to a 10-pin, dual row, 0.05-inch pitch header footprint.
With a header populated, a direct connection to the Debug Adapter is possible which enhances the debug
capability of the EM260. For more information, refer to the EM260 Reference Design.
Figure 14. Typical Application Circuit for SPI Protocol
L1
R1
C4
C5
X1
1.8V
C6
Programming and
Debug Interface (these
pins should be routed
to test points)
Serial Interface
(route to Host uP)
Route to LED
or leave unconnected
VDD_VCO
RF_P
VDD_RF
RF_N
RF_TX_ALT_P
RF_TX_ALT_N
VDD_IF
BIAS_R
VDD_PADSA
TX_ACTIVE
nSIF_LOAD
SIF_MOSI
SIF_MISO
SIF_CLK
nHOST_INT
N.C.
VDD_PADS
PTI_DATA
PTI_EN
nSSEL
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
21
22
23
24
25
26
27
28
29
30
40
39
38
37
36
35
34
33
32
31
41
GND
EM260
U1
Ceramic
Balun (BLN1)
L2
C2
C1
C3
1.8V
Harmonic
Filter
R2
C7
R4
VDD_PADS
(2.1V to 3.6V)
R3
VDD_PADS
(2.1V to 3.6V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com