Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 5 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 5 Page - Silicon image

  EM260-RTR Datasheet HTML 1Page - Silicon image EM260-RTR Datasheet HTML 2Page - Silicon image EM260-RTR Datasheet HTML 3Page - Silicon image EM260-RTR Datasheet HTML 4Page - Silicon image EM260-RTR Datasheet HTML 5Page - Silicon image EM260-RTR Datasheet HTML 6Page - Silicon image EM260-RTR Datasheet HTML 7Page - Silicon image EM260-RTR Datasheet HTML 8Page - Silicon image EM260-RTR Datasheet HTML 9Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
EM260
Page 5
120-0260-000M Rev 1.1
Table 1. Pin Descriptions
Pin #
Signal
Directio
n
Description
1
VDD_VCO
Power
1.8V VCO supply; should be connected to VREG_OUT
2
RF_P
I/O
Differential (with RF_N) receiver input/transmitter output
3
RF_N
I/O
Differential (with RF_P) receiver input/transmitter output
4
VDD_RF
Power
1.8V RF supply (LNA and PA); should be connected to VREG_OUT
5
RF_TX_ALT_P
O
Differential (with RF_TX_ALT_N) transmitter output (optional)
6
RF_TX_ALT_N
O
Differential (with RF_TX_ALT_P) transmitter output (optional)
7
VDD_IF
Power
1.8V IF supply (mixers and filters); should be connected to VREG_OUT
8
BIAS_R
I
Bias setting resistor
9
VDD_PADSA
Power
Analog pad supply (1.8V); should be connected to VREG_OUT
10
TX_ACTIVE
O
Logic-level control for external RX/TX switch
The EM260 baseband controls TX_ACTIVE and drives it high (1.8V) when in TX mode.
(Refer to Table 6 and section 4.2.2.)
11
nRESET
I
Active low chip reset (internal pull-up)
12
VREG_OUT
Power
Regulator output (1.8V)
13
VDD_PADS
Power
Pads supply (2.1 – 3.6V)
14
VDD_CORE
Power
1.8V digital core supply; should be connected to VREG_OUT
15
nSSEL_INT
I
SPI Slave Select Interrupt (from Host to EM260)
When using the SPI interface, this signal must be connected to nSSEL (Pin 21)
nCTS
I
UART Clear To Send (enables EM260 transmission)
When using the UART interface, this signal should be left unconnected if not used.
16
N.C.
I
When using the SPI interface, this signal is left not connected.
nRTS
O
UART Request To Send (enables Host transmission)
When using the UART interface, this signal should be left unconnected if not used.
17
MOSI
I
SPI Data, Master Out / Slave In (from Host to EM260)
N.C.
I
When using the UART interface, this signal is left not connected.
18
MISO
O
SPI Data, Master In / Slave Out (from EM260 to Host)
N.C.
I
When using the UART interface, this signal is left not connected.
19
VDD_PADS
Power
Pads supply (2.1 – 3.6V)
20
SCLK
I
SPI Clock (from Host to EM260)
N.C.
I
When using the UART interface, this signal is left not connected.
21
nSSEL
I
SPI Slave Select (from Host to EM260)
N.C.
I
When using the UART interface, this signal is left not connected.
22
PTI_EN
O
Frame signal of Packet Trace Interface (PTI)
23
PTI_DATA
O
Data signal of Packet Trace Interface (PTI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com