Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 26 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 26 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 22Page - Silicon image EM260-RTR Datasheet HTML 23Page - Silicon image EM260-RTR Datasheet HTML 24Page - Silicon image EM260-RTR Datasheet HTML 25Page - Silicon image EM260-RTR Datasheet HTML 26Page - Silicon image EM260-RTR Datasheet HTML 27Page - Silicon image EM260-RTR Datasheet HTML 28Page - Silicon image EM260-RTR Datasheet HTML 29Page - Silicon image EM260-RTR Datasheet HTML 30Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
EM260
120-0260-000M Rev 1.1
Page 26
Table 14 lists the timing parameters of the SPI Protocol. These parameters are illustrated in Figure 7.
Table 14. SPI Protocol Timing Parameters
Parameter
Description
Min.
Typ.
Max.
Unit
t1 (a)
Wake handshake, while 260 is awake
133
150
μs
t1 (b)
Wake handshake, while 260 is asleep
7.3
300
ms
t2
Wake handshake finish
1.1
1.2
25
μs
t3
Reset pulse width
8
μs
t4 (a)
Startup time, entering application
250
1500
ms
t4 (b)
Startup time, entering bootloader
2.5
7.5
s
t5
nHOST_INT deasserting after Command
13
35
75
μs
t6
Clock rate
200
ns
t7
Wait section
25
755
300000
μs
t8
nHOST_INT deasserting after Response
20
130
800
μs
t9
nHOST_INT asserting after transaction
25
70
800
μs
t10
Inter-command spacing
1
ms
5.4
Data Format
The data format, also referred to as a command, is the same for both the Command section and the Response
section. The data format of the SPI Protocol is straightforward, as illustrated in Figure 8.
Figure 8. SPI Protocol Data Format
The total length of a command must not exceed 136 bytes.
All commands must begin with the SPI Byte. Some commands are only two bytes—that is, they contain the SPI
Byte and Frame Terminator only.
The Length Byte is only included if there is information in the Payload Frame and the Length Byte defines the
length of just the Payload Frame. Therefore, if a command includes a Payload Frame, the Length Byte can
have a value from 2 through 133 and the overall command size will be 5 through 136 bytes. The SPI Byte can
be a specific value indicating if there is a Payload Frame or not, and if there is a Payload Frame, then the
Length Byte can be expected.
The Error Byte is used by the error responses to provide additional information about the error and appears in
place of the length byte. This additional information is described in the following sections.
The Payload Frame contains the data needed for operating EmberZNet PRO. The EZSP Frame and its format
are explained in document UG100, EZSP Reference Guide. The Payload Frame may also contain the data
needed for operating the bootloader, which is called a Bootloader Frame. Refer to document UG103.6, Ember
Application Development Fundamentals: Bootloading, for more information on the bootloader.
The Frame Terminator is a special control byte used to mark the end of a command. The Frame Terminator
byte is defined as 0xA7 and is appended to all Commands and Responses immediately after the final data
byte. The purpose of the Frame Terminator is to provide a known byte the SPI Protocol can use to detect a
SPI Byte
Length or
Error
Payload Frame (Variable Length)
Frame
Terminator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com