Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 35 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 35 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 31Page - Silicon image EM260-RTR Datasheet HTML 32Page - Silicon image EM260-RTR Datasheet HTML 33Page - Silicon image EM260-RTR Datasheet HTML 34Page - Silicon image EM260-RTR Datasheet HTML 35Page - Silicon image EM260-RTR Datasheet HTML 36Page - Silicon image EM260-RTR Datasheet HTML 37Page - Silicon image EM260-RTR Datasheet HTML 38Page - Silicon image EM260-RTR Datasheet HTML 39Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
EM260
Page 35
120-0260-000M Rev 1.1
6
UART Gateway Protocol
The UART Gateway protocol is designed for network gateway systems in which the host processor is running a
full-scale operating system such as embedded Linux or Windows. The host sends EmberZNet Serial Protocol
(EZSP) commands to the UART interface using the Ember Asynchronous Serial Host (ASH) protocol. The EZSP
commands are the same as those used in the SPI protocol, but the SPI protocol is better suited for resource-
constrained microcontroller hosts since ASH uses considerably more host RAM and program storage.
ASH implements error detection/recovery and tolerates latencies on multi-tasking hosts due to scheduling and
I/O buffering. The ASH protocol is described in detail in document UG101, UART Gateway Protocol Reference.
Silicon Labs supplies ASH host software in source form compatible with Linux and Windows. In most cases it
will need only a few simple edits to adapt it to a particular host system.
Figure 13. UART Interface Signals
The UART hardware interface uses the following EM260 signals:
Serial data: TXD and RXD
The ASH protocol sends data in both directions, so both TXD and RXD signals are required. An external
pull-up resistor should be connected to TXD to avoid data glitches while the EM260 is resetting.
Flow control: nRTS and nCTS (optional)
ASH uses hardware handshaking for flow control: nRTS enables transmission from the host to the
EM260, and nCTS enables EM260 transmissions to the host. If the host serial port cannot support
RTS/CTS, XON/XOFF flow control may be used instead. But, XON/XOFF will deliver slightly lower
performance.
When using hardware flow control, the EM260’s nRTS must be able to control host serial output.
However, in many gateway systems, the host will not need to throttle transmission by the EM260. In
those systems nCTS may be left unconnected since it has an internal pull-down and will be
continuously asserted.
Reset control: nRESET
The host must be able to reset the EM260 to run the ASH protocol. The best way to do this is to use a
host output connected to nRESET. If this is not feasible, the host can send a special ASH frame that
requests the EM260 to reboot, but this method is less reliable than asserting nRESET and is not
recommended for normal use.
RXD
RXD
TXD
TXD
nRTS
nCTS
nCTS
nRTS
GPIO
nRESET
HOST
EM260
Data
Flow Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com