Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 1 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 1 Page - Silicon image

  EM260-RTR Datasheet HTML 1Page - Silicon image EM260-RTR Datasheet HTML 2Page - Silicon image EM260-RTR Datasheet HTML 3Page - Silicon image EM260-RTR Datasheet HTML 4Page - Silicon image EM260-RTR Datasheet HTML 5Page - Silicon image EM260-RTR Datasheet HTML 6Page - Silicon image EM260-RTR Datasheet HTML 7Page - Silicon image EM260-RTR Datasheet HTML 8Page - Silicon image EM260-RTR Datasheet HTML 9Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
EM260
ZigBee/802.15.4 Network Processor
This datasheet applies to EmberZNet PRO 3.1 or
greater.
Integrated 2.4GHz, IEEE 802.15.4-compliant transceiver:
Robust RX filtering allows co-existence with IEEE
802.11g and Bluetooth devices
- 99dBm RX sensitivity (1% PER, 20byte packet)
+ 2.5dBm nominal output power
Increased radio performance mode (boost mode)
gives – 100dBm sensitivity and + 4.5dBm
transmit power
Integrated VCO and loop filter
Secondary TX-only RF port for applications
requiring external PA.
Integrated IEEE 802.15.4 PHY and MAC
ZigBee-compliant stack running on the dedicated
network processor
Controlled by the Host using the EmberZNet Serial
Protocol (EZSP)
Standard SPI or UART Interfaces allow
for connection to a variety of Host
microcontrollers
Non-intrusive debug interface (SIF)
Integrated hardware and software support for
the Ember development environment
Dedicated peripherals and integrated memory
Provides integrated RC oscillator for low
power operation
Three sleep modes:
Processor idle (automatic)
Deep sleep—1.0 μA
Power down—1.0 μA
Watchdog timer and power-on-reset circuitry
Integrated AES encryption accelerator
Integrated 1.8V voltage regulator
Always
powered
PacketTrace
ADC
RF_P,N
Integrated Flash and RAM
SIF_MISO
HF OSC
SIF
Internal
RC-OSC
IO Controller
Chip
manager
Regulator
Bias
Interrupt
Controller
RF_TX_ALT_P,N
OSCA
OSCB
SIF_MOSI
SIF_CLK
nSIF_LOAD
Encryption acclerator
IF
Network
Processor
(XAP2b)
VREG_OUT
Watchdog
PA select
LNA
PA
PA
DAC
MAC
+
Baseband
TX_ACTIVE
Sleep
timer
BIAS_R
POR
Network Processor
Peripherals
Serial
Controller
SYNTH
nRESET
Silicon Laboratories Inc.
400 West Cesar Chavez
Austin, TX 78701
Tel: 1+(512) 416-8500
Fax: 1+(512) 416-9669
Toll Free: 1+(877) 444-3032
www.silabs.com
May 29, 2013
120-0260-000M Rev 1.1


Similar Part No. - EM260-RTR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EM260 SILABS-EM260 Datasheet
473Kb / 50P
This datacheet applies to EmberZNet PRO 3.1 or greater
More results

Similar Description - EM260-RTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
STMicroelectronics
SN250 STMICROELECTRONICS-SN250 Datasheet
1Mb / 130P
Single-chip ZigBee/802.15.4 solution
20-Sep-2006
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
ZigBee/IEEE 802.15.4-Transceiver
logo
STMicroelectronics
SN260 STMICROELECTRONICS-SN260 Datasheet
1Mb / 88P
ZigBee® 802.15.4 network processor
03-Dec-2007
logo
California Eastern Labs
ZICM2410P0-KIT2-1 CEL-ZICM2410P0-KIT2-1 Datasheet
1Mb / 16P
Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
logo
List of Unclassifed Man...
EM351 ETC2-EM351 Datasheet
11Mb / 240P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Silicon Laboratories
EM357-RTR SILABS-EM357-RTR Datasheet
10Mb / 241P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
Texas Instruments
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com