Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 8 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 8 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 4Page - Silicon image EM260-RTR Datasheet HTML 5Page - Silicon image EM260-RTR Datasheet HTML 6Page - Silicon image EM260-RTR Datasheet HTML 7Page - Silicon image EM260-RTR Datasheet HTML 8Page - Silicon image EM260-RTR Datasheet HTML 9Page - Silicon image EM260-RTR Datasheet HTML 10Page - Silicon image EM260-RTR Datasheet HTML 11Page - Silicon image EM260-RTR Datasheet HTML 12Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
EM260
120-0260-000M Rev 1.1
Page 8
The MAC interfaces the data memory to the RX and TX baseband modules. The MAC provides hardware-based
IEEE 802.15.4 packet-level filtering. It supplies an accurate symbol time base that minimizes the
synchronization effort of the software stack and meets the protocol timing requirements. In addition, it
provides timer and synchronization assistance for the IEEE 802.15.4 CSMA-CA algorithm.
The EM260 integrates hardware support for a Packet Trace module, which allows robust packet-based debug.
This element is a critical component of Ember Desktop, the Ember software IDE, providing advanced network
debug capability when coupled with the Ember Debug Adapter (ISA).
The EM260 integrates a 16-bit XAP2b microprocessor developed by Cambridge Consultants Ltd. This power-
efficient, industry-proven core provides the appropriate level of processing power to meet the needs of Silicon
Lab’s EmberZNet PRO ZigBee-compliant stack. In addition, the SIF module provides a non-intrusive
programming and debug interface allowing for real-time application debugging.
The EM260 exposes the Ember Serial API over either a SPI or UART interface, which allows application
development to occur on a Host platform of choice. The SPI interface uses the four standard SPI signals plus
two additional signals, nHOST_INT and nWAKE, which provide an easy-to-use handshake mechanism between
the Host and the EM260. The UART interface uses the two standard UART signals and also supports either
standard RTS/CTS or XON/XOFF flow control.
The integrated voltage regulator generates a regulated 1.8V reference voltage from an unregulated supply
voltage. This voltage is decoupled and routed externally to supply the 1.8V to the core logic. In addition, an
integrated POR module allows for the proper cold start of the EM260.
The EM260 contains one high-frequency (24MHz) crystal oscillator and, for low-power operation, a second low-
frequency internal 10 kHz oscillator.
The EM260 contains two power domains. The always-powered High Voltage Supply is used for powering the
GPIO pads and critical chip functions. The rest of the chip is powered by a regulated Low Voltage Supply which
can be disabled during deep sleep to reduce the power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com