Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 46 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 46 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 42Page - Silicon image EM260-RTR Datasheet HTML 43Page - Silicon image EM260-RTR Datasheet HTML 44Page - Silicon image EM260-RTR Datasheet HTML 45Page - Silicon image EM260-RTR Datasheet HTML 46Page - Silicon image EM260-RTR Datasheet HTML 47Page - Silicon image EM260-RTR Datasheet HTML 48Page - Silicon image EM260-RTR Datasheet HTML 49Page - Silicon image EM260-RTR Datasheet HTML 50Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
EM260
120-0260-000M Rev 1.1
Page 46
14 Abbreviations and Acronyms
Acronym/Abbreviation
Meaning
ACR
Adjacent Channel Rejection
AES
Advanced Encryption Standard
AGC
Automatic gain control
ASH
Asynchronous Serial Host Protocol
CBC-MAC
Cipher Block Chaining—Message Authentication Code
CCA
Clear Channel Assessment
CCM
Counter with CBC-MAC Mode for AES encryption
CCM*
Improved Counter with CBC-MAC Mode for AES encryption
CSMA
Carrier Sense Multiple Access
CTR
Counter Mode
CTS
Clear To Send
EEPROM
Electrically Erasable Programmable Read Only Memory
ESD
Electro Static Discharge
ESR
Equivalent Series Resistance
EZSP
EmberZNet Serial Protocol
FFD
Full Function Device (ZigBee)
FIA
Flash Information Area
GPIO
General Purpose I/O (pins)
HF
High Frequency (24MHz)
I2C
Inter-Integrated Circuit bus
IDE
Integrated Development Environment
IF
Intermediate Frequency
IP3
Third order Intermodulation Product
ISR
Interrupt Service Routine
kB
Kilobyte
kbps
kilobits/second
LF
Low Frequency
LNA
Low Noise Amplifier
LQI
Link Quality Indicator
MAC
Medium Access Control
MSL
Moisture Sensitivity Level
Msps
Mega samples per second
O-QPSK
Offset-Quadrature Phase Shift Keying



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com