Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 15 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 15 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 11Page - Silicon image EM260-RTR Datasheet HTML 12Page - Silicon image EM260-RTR Datasheet HTML 13Page - Silicon image EM260-RTR Datasheet HTML 14Page - Silicon image EM260-RTR Datasheet HTML 15Page - Silicon image EM260-RTR Datasheet HTML 16Page - Silicon image EM260-RTR Datasheet HTML 17Page - Silicon image EM260-RTR Datasheet HTML 18Page - Silicon image EM260-RTR Datasheet HTML 19Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
EM260
Page 15
120-0260-000M Rev 1.1
4
Functional Description
The EM260 connects to the Host platform through either a standard SPI interface or a standard UART
interface. The EmberZNet Serial Protocol (EZSP) has been defined to allow an application to be written on a
host platform of choice. Therefore, the EM260 comes with a license to EmberZNet PRO, Silicon Labs’ ZigBee-
compliant software stack. The following brief description of the hardware modules provides the necessary
background on the operation of the EM260. For more information, contact .
4.1
Receive (RX) Path
The EM260 RX path spans the analog and digital domains. The RX architecture is based on a low-IF, super-
heterodyne receiver. It utilizes differential signal paths to minimize noise interference. The input RF signal is
mixed down to the IF frequency of 4MHz by I and Q mixers. The output of the mixers is filtered and combined
prior to being sampled by a 12Msps ADC. The RX filtering within the RX path has been designed to optimize the
co-existence of the EM260 with other 2.4GHz transceivers, such as the IEEE 802.11g and Bluetooth.
4.1.1
RX Baseband
The EM260 RX baseband (within the digital domain) implements a coherent demodulator for optimal
performance. The baseband demodulates the O-QPSK signal at the chip level and synchronizes with the IEEE
802.15.4-2003 preamble. An automatic gain control (AGC) module adjusts the analog IF gain continuously
(every ¼ symbol) until the preamble is detected. Once the packet preamble is detected, the IF gain is fixed
during the packet reception. The baseband de-spreads the demodulated data into 4-bit symbols. These
symbols are buffered and passed to the hardware-based MAC module for filtering.
In addition, the RX baseband provides the calibration and control interface to the analog RX modules,
including the LNA, RX Baseband Filter, and modulation modules. The EmberZNet PRO software includes
calibration algorithms which use this interface to reduce the effects of process and temperature variation.
4.1.2
RSSI and CCA
The EM260 calculates the RSSI over an 8-symbol period as well as at the end of a received packet. It utilizes
the RX gain settings and the output level of the ADC within its algorithm. The linear range of RSSI is specified
to be 40dB over all temperatures. At room temperature, the linear range is approximately 60dB (-90 dBm to -
30dBm).
The EM260 RX baseband provides support for the IEEE 802.15.4-2003 required CCA methods summarized in
Table 10. Modes 1, 2, and 3 are defined by the 802.15.4-2003 standard; Mode 0 is a proprietary mode.
Table 10. CCA Mode Behavior
CCA Mode
Mode Behavior
0
Clear channel reports busy medium if either carrier sense OR RSSI exceeds their thresholds.
1
Clear channel reports busy medium if RSSI exceeds its threshold.
2
Clear channel reports busy medium if carrier sense exceeds its threshold.
3
Clear channel reports busy medium if both RSSI and carrier sense exceed their thresholds.
The EmberZNet PRO Software Stack sets the CCA Mode, and it is not configurable by the Application Layer. For
software versions beginning with EmberZNet 2.5.4, CCA Mode 1 is used, and a busy channel is reported if the
RSSI exceeds its threshold. For software versions prior to 2.5.4, the CCA Mode was set to 0.
At RX input powers higher than –25dBm, there is some compression in the receive chain where the gain is not
properly adjusted. In the worst case, this has resulted in packet loss of up to 0.1%. This packet loss can be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com