Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 22 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 22 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 18Page - Silicon image EM260-RTR Datasheet HTML 19Page - Silicon image EM260-RTR Datasheet HTML 20Page - Silicon image EM260-RTR Datasheet HTML 21Page - Silicon image EM260-RTR Datasheet HTML 22Page - Silicon image EM260-RTR Datasheet HTML 23Page - Silicon image EM260-RTR Datasheet HTML 24Page - Silicon image EM260-RTR Datasheet HTML 25Page - Silicon image EM260-RTR Datasheet HTML 26Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
EM260
120-0260-000M Rev 1.1
Page 22
5
SPI Protocol
The EM260 Low Level Protocol centers on the SPI interface for communication with a pair of GPIO for
handshake signaling.
The EM260 looks like a hardware peripheral.
The EM260 is the slave device and all transactions are initiated by the Host (the master).
The EM260 supports a reasonably high data rate.
5.1
Physical Interface Configuration
The EM260 supports both SPI Slave Mode 0 (clock is idle low, sample on rising edge) and SPI Slave Mode 3
(clock is idle high, sample on rising edge) at a maximum SPI clock rate of 5MHz, as illustrated in Figure 4. The
convention for the waveforms in this document is to show Mode 0.
Figure 4. SPI Transfer Format, Mode 0 and Mode 3
The nHOST_INT signal and the nWAKE signal are both active low. The Host must supply a pull-up resistor on
the nHOST_INT signal to prevent errant interruptions during undefined events such as the EM260 resetting.
The EM260 supplies an internal pull-up on the nWAKE signal to prevent errant interruptions during undefined
events such as the Host resetting.
5.2
SPI Transaction
The basic EM260 SPI transaction is half-duplex to ensure proper framing and to give the EM260 adequate
response time. The basic transaction, as shown in Figure 5, is composed of three sections: Command, Wait,
and Response. The transaction can be considered analogous to a function call. The Command section is the
function call, and the Response section is the return value.
Figure 5. General Timing Diagram for a SPI Transaction
MSB
LSB
MSB
LSB
EM260 – Slave (MISO)
Host – Master (MOSI)
Clock, Mode 3 (SCLK)
Clock, Mode 0 (SCLK)
nSSEL
MISO
MOSI
SCLK
nHOST_INT
Command
Response
Wait



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com