Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 36 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 36 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 32Page - Silicon image EM260-RTR Datasheet HTML 33Page - Silicon image EM260-RTR Datasheet HTML 34Page - Silicon image EM260-RTR Datasheet HTML 35Page - Silicon image EM260-RTR Datasheet HTML 36Page - Silicon image EM260-RTR Datasheet HTML 37Page - Silicon image EM260-RTR Datasheet HTML 38Page - Silicon image EM260-RTR Datasheet HTML 39Page - Silicon image EM260-RTR Datasheet HTML 40Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
EM260
120-0260-000M Rev 1.1
Page 36
The UART signals follow the usual conventions:
When idle, serial data is high (marking)
The start bit is low (spacing), and the stop bit is high (marking)
Data bits are sent least-significant bit first, with positive (non-inverting) logic
The flow control signals are asserted low
Note that commonly used EIA transceivers invert these logic levels.
Silicon Labs supplies the UART Gateway protocol software in two versions: one uses RTCS/CTS flow control and
the other uses XON/XOFF. The UART is set up as follows for these versions:
115,200 bps for the RTS/CTS version
57,600 bps for the XON/XOFF version
No parity bit
8 data bits
1 stop bit
The ASH protocol has been tuned for optimal operation with the two configurations listed here. These
configurations can be changed through manufacturing tokens, but doing so may result in a degradation of
performance. To learn how to change the configuration, contact customer support at www.silabs.com/zigbee-
support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com