Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 20 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 20 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 16Page - Silicon image EM260-RTR Datasheet HTML 17Page - Silicon image EM260-RTR Datasheet HTML 18Page - Silicon image EM260-RTR Datasheet HTML 19Page - Silicon image EM260-RTR Datasheet HTML 20Page - Silicon image EM260-RTR Datasheet HTML 21Page - Silicon image EM260-RTR Datasheet HTML 22Page - Silicon image EM260-RTR Datasheet HTML 23Page - Silicon image EM260-RTR Datasheet HTML 24Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
EM260
120-0260-000M Rev 1.1
Page 20
Table 12 lists the specifications for the high-frequency crystal.
Table 12. High-Frequency Crystal Specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Frequency
24
MHz
Duty cycle
40
60
%
Phase noise from 1kHz to 100kHz
-
120
dBc/Hz
Accuracy
Initial, temperature, and aging
- 40
+ 40
ppm
Crystal ESR
Load capacitance of 10pF
100
Crystal ESR
Load capacitance of 18pF
60
Start-up time to stable clock
(max. bias)
1
ms
Start-up time to stable clock
(optimum bias)
2
ms
Current consumption
Good crystal: 20 ESR, 10pF
load
0.2
0.3
mA
Current consumption
Worst-case crystals (60, 18pF
or 100, 10pF)
0.5
mA
Current consumption
At maximum bias
1
mA
4.11.2 Internal RC Oscillator
The EM260 has a low-power, low-frequency RC oscillator that runs all the time. Its nominal frequency is
10kHz.
The RC oscillator has a coarse analog trim control, which is first adjusted to get the frequency as close to
10kHz as possible. This raw clock is used by the chip management block. It is also divided down to 1kHz using
a variable divider to allow software to accurately calibrate it. This calibrated clock is used by the sleep timer.
Timekeeping accuracy depends on temperature fluctuations the chip is exposed to, power supply impedance,
and the calibration interval, but in general it will be better than 150ppm (including crystal error of 40ppm).
Table 13 lists the specifications of the RC oscillator.
Table 13. RC Oscillator Specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Frequency
10
kHz
Analog trim steps
1
kHz
Frequency variation with supply
For a voltage drop from 3.6V to
3.1V or 2.6V to 2.1V
0.75
1.5
%
4.12 Random Number Generator
The EM260 allows for the generation of random numbers by exposing a randomly generated bit from the RX
ADC. Analog noise current is passed through the RX path, sampled by the receive ADC, and stored in a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com