Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 33 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 33 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 29Page - Silicon image EM260-RTR Datasheet HTML 30Page - Silicon image EM260-RTR Datasheet HTML 31Page - Silicon image EM260-RTR Datasheet HTML 32Page - Silicon image EM260-RTR Datasheet HTML 33Page - Silicon image EM260-RTR Datasheet HTML 34Page - Silicon image EM260-RTR Datasheet HTML 35Page - Silicon image EM260-RTR Datasheet HTML 36Page - Silicon image EM260-RTR Datasheet HTML 37Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
EM260
Page 33
120-0260-000M Rev 1.1
5.7.4
Three-Part Transaction: Wake, Get Version, Stack Status Callback
Figure 12. Timing Diagram of the Three-Part Transaction
1. Activate nWAKE and activate timeout timer.
2. EM260 wakes up (if not already) and enables communication.
3. nHOST_INT asserts, indicating the EM260 can accept commands.
4. Host sees nHOST_INT activation within 300ms and deactivates nWAKE and timeout timer.
5. nHOST_INT deasserts immediately after nWAKE.
6. Activate Slave Select.
7. Transmit the Command 0x0A - SPI Protocol Version Request.
8. Transmit the Frame Terminator, 0xA7.
9. Wait for nHOST_INT to assert.
10. Transmit and receive 0xFF until a byte other than 0xFF is received.
11. Receive response 0x82 (a byte other than 0xFF), then receive the Frame Terminator, 0xA7.
12. Bit 7 is always set and bit 6 is always cleared in the Version Response, so this is Version 2.
13. Deactivate Slave Select.
14. Host begins timing the inter-command spacing of 1ms in preparation for sending the next command.
15. nHOST_INT asserts shortly after deactivating Slave Select, indicating a callback.
16. Host sees nHOST_INT, but waits for the 1ms before responding.
17. Activate Slave Select.
18. Transmit the command:
0xFE
: SPI Byte indicating an EZSP Frame
0x03
: Length Byte showing the EZSP Frame is 3 bytes long
0x00
: EZSP Sequence Byte (Note that this value should vary based upon previous sequence bytes)
0x00
: EZSP Frame Control Byte indicating a command with no sleeping
0x06
: EZSP Frame ID Byte indicating the callback command
0xA7
: Frame Terminator
19. Wait for nHOST_INT to assert.
20. Transmit and receive 0xFF until a byte other than 0xFF is received.
21. Receive response 0xFE (a byte other than 0xFF), read the next byte for a length.
0xA7
0xFE
0x03
0x00
0x06
0xA7
0xFE
0x04
0x82
0xA7
0x0A
0xA7
nSSEL
MISO
MOSI
SCLK
nHOST_INT
0x80
0x19
0x91
nWAKE
Command
Wait
Response
Resp
Wait
Cmd
0x00
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com