Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 110 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 110 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 106Page - Integrated Circuit Systems ICS1892 Datasheet HTML 107Page - Integrated Circuit Systems ICS1892 Datasheet HTML 108Page - Integrated Circuit Systems ICS1892 Datasheet HTML 109Page - Integrated Circuit Systems ICS1892 Datasheet HTML 110Page - Integrated Circuit Systems ICS1892 Datasheet HTML 111Page - Integrated Circuit Systems ICS1892 Datasheet HTML 112Page - Integrated Circuit Systems ICS1892 Datasheet HTML 113Page - Integrated Circuit Systems ICS1892 Datasheet HTML 114Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
110
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
MDIO
30
Input/
Output
Management Data Input/Output.
This pin’s signal is a tri-statable line driven by one of the following:
• Station management (STA), to transfer command information
• The ICS1892, to transfer status information.
All transfers and sampling are synchronous with the signal on the MDC
pin.
Note: If the ICS1892 is to be used in an application that uses the
mechanical MII specification, MDIO must have a 1.5 k
Ω ±5%
pull-up resistor at the ICS1892 end and a 2 k
Ω ±5% pull-down
resistor at the station management end. (These resistors enable
the station management to determine if the connection is intact.)
RXCLK
37
Receive Clock.
The ICS1892 sources the RXCLK to the MAC/repeater. The ICS1892
uses RXCLK to synchronize the signals on the following pins: RXD0–3,
RXDV, and RXER. The following table contrasts the behavior on the
RXCLK pin when the mode for the ICS1892 is either 10Base-T or
100Base-TX.
Note: The signal on the RXCLK pin is conditioned by RXTRI.
RXD0,
RXD1,
RXD2,
RXD3
35,
34,
33,
32
Receive Data 0–3.
• RXD0 is the least-significant bit and RXD3 is the most-significant bit of
the MII receive data nibble.
• While the ICS1892 asserts RXDV, the ICS1892 transfers the receive
data signals on the RXD0–RXD3 pins to the MAC/Repeater Interface
synchronously on the rising edges of RXCLK.
Table 9-6.
MAC/Repeater Interface Pins: Media Independent Interface (MII) (Continued)
Pin
Name
Pin
Number
Pin
Type
Pin Description
10Base-T
100Base-TX
The RXCLK frequency is 2.5 MHz.
The RXCLK frequency is 25 MHz.
The ICS1892 generates RXCLK
from the MDI data stream using a
digital PLL. When the MDI data
stream terminates, the PLL
continues to operate, synchronously
referenced to the last packet
received.
The ICS1892 generates RXCLK
from the MDI data stream while there
is a valid link (that is, either data or
IDLEs). In the absence of a link, the
ICS1892 uses the REFIN clock to
generate the RXCLK.
The ICS1892 switches between
clock sources during the period
between when CRS is being
asserted and RXDV is being
asserted. While the ICS1892 locks
onto the incoming data stream, a
clock phase change of up to 360
degrees can occur.
The ICS1892 switches between
clock sources during the period
between when CRS is being
asserted and RXDV is being
asserted. While the ICS1892 is
bringing up a link, a clock phase
change of up to 360 degrees can
occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com