Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 114 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 114 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 110Page - Integrated Circuit Systems ICS1892 Datasheet HTML 111Page - Integrated Circuit Systems ICS1892 Datasheet HTML 112Page - Integrated Circuit Systems ICS1892 Datasheet HTML 113Page - Integrated Circuit Systems ICS1892 Datasheet HTML 114Page - Integrated Circuit Systems ICS1892 Datasheet HTML 115Page - Integrated Circuit Systems ICS1892 Datasheet HTML 116Page - Integrated Circuit Systems ICS1892 Datasheet HTML 117Page - Integrated Circuit Systems ICS1892 Datasheet HTML 118Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
114
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
RXD0,
RXD1,
RXD2,
RXD3
SRD0,
SRD1,
SRD2,
SRD3
35,
34,
33,
32
Symbol Receive Data 0–3.
• SRD0 is the least-significant bit and SRD3 is the
most-significant bit of the MII receive data nibble.
• While the ICS1892 asserts RXDV, the ICS1892 transfers the
receive data signals on the SRD0–SRD3 pins to the
MAC/Repeater Interface synchronously on the rising edges
of SRCLK.
RXDV
–
36
No
Connect
Receive Data Valid.
For the 100M Symbol Interface, this pin is a no connect. For
more information, see Table 6-1.
RXER
SRD4
38
Output
Symbol Receive Data 4.
This pin’s description is the same as that given in Table 9-6.
RXTRI
39
Input
Receive (Interface), Tri-State.
The input on this pin is from a MAC. When the signal on this pin
is logic:
• Low, the MAC indicates that it is not in a tri-state condition.
• High, the MAC indicates that it is in a tri-state condition. In
this case, the ICS1892 acts to ensure that only one PHY is
active at a time.
TXCLK
STCLK
43
Symbol Transmit Clock.
This pin’s description is the same as that given in Table 9-6. For
100Base-Tx
TXD0–3
STD0,
STD1,
STD2,
STD3
45,
46,
47,
48
Input
Symbol Transmit Data 0–3.
• STD0 is the least-significant bit and STD3 is the
most-significant bit of the MII transmit data nibble received
from the MAC/repeater.
• While the ICS1892 asserts TXEN, the signals on the
STD0–3 pins are sampled by the ICS1892 synchronously on
the rising edges of STCLK.
TXEN
–
44
No
Connect
Transmit Enable.
For the 100M Symbol Interface, this pin is a no connect. For
more information, see Table 6-1.
TXER
STD4
42
Input
Symbol Transmit Data 4.
This pin’s description is the same as that given in Table 9-6.
Table 9-7.
MAC/Repeater Interface Pins: 100M Symbol Interface (Continued)
MII Pin
Name
100M
Symbol
Pin
Name
Pin
No.
Pin
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com