Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 115 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 115 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 111Page - Integrated Circuit Systems ICS1892 Datasheet HTML 112Page - Integrated Circuit Systems ICS1892 Datasheet HTML 113Page - Integrated Circuit Systems ICS1892 Datasheet HTML 114Page - Integrated Circuit Systems ICS1892 Datasheet HTML 115Page - Integrated Circuit Systems ICS1892 Datasheet HTML 116Page - Integrated Circuit Systems ICS1892 Datasheet HTML 117Page - Integrated Circuit Systems ICS1892 Datasheet HTML 118Page - Integrated Circuit Systems ICS1892 Datasheet HTML 119Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 148 page
background image
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1892, Rev. D, 2/26/01
February 26, 2001
115
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
9.2.4.3
MAC/Repeater Interface Pins for 10M Serial Interface
Table 9-8 lists the MAC/Repeater Interface pin descriptions for the 10M Serial Interface.
Table 9-8.
MAC/Repeater Interface Pins: 10M Serial Interface
MII Pin
Name
10M
Serial
Pin
Name
Pin
No.
Pin
Type
Pin Description
COL
10COL
49
Output
10M (Serial Interface) Collision (Detect).
This pin’s description is the same as that given in Table 9-6.
CRS
10CRS
50
Output
10M (Serial Interface) Carrier Sense.
This pin’s description is the same as that given in Table 9-6.
MDC
MDC
31
Input
Management Data Clock.
This pin’s description is the same as that given in Table 9-6.
MDIO
MDIO
30
Input/
Output
Management Data Input/Output.
This pin’s description is the same as that given in Table 9-6.
RXCLK
10RCLK
37
10M (Serial Interface) Receive Clock.
This pin’s description is the same as that given in Table 9-6.
RXCLK
10RCLK
37
10M (Serial Interface) Receive Clock.
The 10RCLK pin name is the 10M Serial Interface mapping of
the MII RXCLK (Receive Clock) pin name. The ICS1892
sources the 10RCLK to the MAC/repeater. The ICS1892 uses
10RCLK to synchronize the signals on the 10RD and 10RXDV
pins. The following table contrasts the behavior on the 10RCLK
pin when the mode for the ICS1892 is either 10Base-T or
100Base-TX.
Note: The signal on the 10RCLK pin is conditioned by RXTRI.
10Base-T Serial
The10RCLK frequency is 10
MHz.
The ICS1892 generates
10RCLK from the MDI data
stream using a digital PLL.
When the MDI data stream
terminates, the PLL continues
to operate, synchronously
referenced to the last packet
received.
The ICS1892 switches
between clock sources during
the period between when
10CRS is being asserted and
10RXDV is being asserted.
While the ICS1892 locks onto
the incoming data stream, a
clock phase change of up to
360 degrees can occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com