Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 117 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 117 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 113Page - Integrated Circuit Systems ICS1892 Datasheet HTML 114Page - Integrated Circuit Systems ICS1892 Datasheet HTML 115Page - Integrated Circuit Systems ICS1892 Datasheet HTML 116Page - Integrated Circuit Systems ICS1892 Datasheet HTML 117Page - Integrated Circuit Systems ICS1892 Datasheet HTML 118Page - Integrated Circuit Systems ICS1892 Datasheet HTML 119Page - Integrated Circuit Systems ICS1892 Datasheet HTML 120Page - Integrated Circuit Systems ICS1892 Datasheet HTML 121Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 148 page
background image
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1892, Rev. D, 2/26/01
February 26, 2001
117
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
9.2.4.4
MAC/Repeater Interface Pins for Link Pulse Interface
Table 9-9 lists the MAC/Repeater Interface pin descriptions for the Link Pulse Interface.
Table 9-9.
MAC/Repeater Interface Pins: Link Pulse Interface
MII Pin
Name
Link
Pluse
Pin
Name
Pin
No.
Pin
Type
Pin Description
COL
–
49
No
Connect
Collision (Detect).
For the Link Pulse Interface, this pin is a no connect. For more
information, see Table 6-3.
CRS
–
50
No
Connect
Carrier Sense.
For the Link Pulse Interface, this pin is a no connect. For more
information, see Table 6-3.
RXER
LPRX
38
Output
Link Pulse (Interface) Receive Error.
This pin’s description is the same as that given in Table 9-6.
RXCLK
LRCLK
37
Output
Link (Pulse Interface) Receive Clock.
The ICS1892 sources the LRCLK to the MAC/repeater. The
ICS1892 uses LRCLK to synchronize the signals on the LPRX
pin. The signal on the LRCLK pin is conditioned by RXTRI.
MDC
MDC
31
Input
Management Data Clock.
This pin’s description is the same as that given in Table 9-6.
MDIO
MDIO
30
Input/
Output
Management Data Input/Output.
This pin’s description is the same as that given in Table 9-6.
RXD0,
RXD1,
RXD2,
RXD3
–35,
34,
33,
32
No
Connect
Receive Data 0–3.
For the Link Pulse Interface, these pins are a no connect. For
more information, see Table 6-3.
RXDV
–
36
No
Connect
Receive Data Valid.
For the Link Pulse Interface, this pin is a no connect. For more
information, see Table 6-3.
RXER
LPRX
38
Output
Link Pulse (Interface) Receive Error.
This pin’s description is the same as that given in Table 9-6.
RXTRI
39
Input
Receive (Interface), Tri-State.
The input on this pin is from a MAC. When the signal on this pin is
logic:
• Low, the MAC indicates that it is not in a tri-state condition.
• High, the MAC indicates that it is in a tri-state condition. In this
case, the ICS1892 acts to ensure that only one PHY is active
at a time.
TXCLK
LTCLK
43
Link (Pulse Interface) Transmit Clock.
This pin’s description is the same as that given in Table 9-6.
TXD0,
TXD1,
TXD2,
TXD3
–45,
46,
47,
48
No
Connect
Transmit Data 0–3.
For the Link Pulse Interface, these pins are a no connect. For
more information, see Table 6-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com