Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 120 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 120 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 116Page - Integrated Circuit Systems ICS1892 Datasheet HTML 117Page - Integrated Circuit Systems ICS1892 Datasheet HTML 118Page - Integrated Circuit Systems ICS1892 Datasheet HTML 119Page - Integrated Circuit Systems ICS1892 Datasheet HTML 120Page - Integrated Circuit Systems ICS1892 Datasheet HTML 121Page - Integrated Circuit Systems ICS1892 Datasheet HTML 122Page - Integrated Circuit Systems ICS1892 Datasheet HTML 123Page - Integrated Circuit Systems ICS1892 Datasheet HTML 124Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
120
Chapter 10
DC and AC Operating Conditions
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
Chapter 10
DC and AC Operating Conditions
10.1
Absolute Maximum Ratings
Table 10-1 lists the absolute maximum ratings for the ICS1892. Stresses above these ratings can cause
permanent damage to the ICS1892. These ratings, which are standard values for ICS commercially rated
parts, are stress ratings only. Functional operation of the ICS1892 at these or any other conditions above
those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect product reliability. Electrical parameters are
guaranteed only over the recommended operating temperature range.
10.2
Recommended Operating Conditions
Table 10-2 lists the recommended operating conditions for the ICS1892.
Table 10-1.
Absolute Maximum Ratings
Item
Rating
VDD (measured to VSS)5.5 V
Digital Inputs / Outputs
VSS -0.5 to VDD +0.5 V
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Power Dissipation
See Section 10.4.1, “DC Operating Characteristics for Supply Current”
Table 10-2.
Recommended Operating Conditions
Parameter
Symbol
Conditions
Minimum
Maximum
Units
Ambient Operating Temperature
TA
–0
+70
° C
Power Supply Voltage
(measured with respect to VSS)
VDD
–
+4.75
+5.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com