Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 122 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 122 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 118Page - Integrated Circuit Systems ICS1892 Datasheet HTML 119Page - Integrated Circuit Systems ICS1892 Datasheet HTML 120Page - Integrated Circuit Systems ICS1892 Datasheet HTML 121Page - Integrated Circuit Systems ICS1892 Datasheet HTML 122Page - Integrated Circuit Systems ICS1892 Datasheet HTML 123Page - Integrated Circuit Systems ICS1892 Datasheet HTML 124Page - Integrated Circuit Systems ICS1892 Datasheet HTML 125Page - Integrated Circuit Systems ICS1892 Datasheet HTML 126Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
122
Chapter 10
DC and AC Operating Conditions
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
10.4
DC Operating Characteristics
This section lists the DC operating characteristics for the ICS1892.
10.4.1
DC Operating Characteristics for Supply Current
Table 10-4 lists the DC operating characteristics for the supply current to the ICS1892.
Note:
All VDD measurements are taken with respect to VSS (which equals 0 V).
† These supply current parameters are measured through VDD pins to the ICS1892. The supply current
parameters exclude external transformer currents.
10.4.2
DC Operating Characteristics for TTL Inputs and Outputs
Table 10-5 lists the DC operating characteristics of the ICS1892 TTL inputs and outputs.
Note:
All VDD measurements are taken with respect to VSS (which equals 0 V).
10.4.3
DC Operating Characteristics for REF_IN
Table 10-6 lists the DC characteristics for the REF_IN pin.
Note:
The REF_IN input switch point is 50% of VDD.
Table 10-4.
DC Operating Characteristics for Supply Current
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Current†
IDD
100Base-TX Mode
VDD = 5.25 V
–
162
180
mA
Supply Current†
IDD
10Base-T Mode
VDD = 5.25 V
–
133
147
mA
Supply Current†
IDD
Auto-Negotiation Mode
VDD = 5.25 V
–
162
180
mA
Supply Current†
IDD
Power-Down Mode
VDD = 5.25 V
–
18
20
mA
Supply Current†
IDD
Reset
VDD = 5.25 V
–
39
43
mA
Table 10-5.
DC Operating Characteristics for TTL Inputs and Outputs
Parameter
Symbol
Conditions
Min.
Max.
Units
TTL Input High Voltage
VIH
VDD = 5.25 V
–
2.0
–
V
TTL Input Low Voltage
VIL
VDD = 5.25 V
–
–
0.8
V
TTL Output High Voltage
VOH
VDD = 4.75 V
IOH = –4 mA
2.4
–
V
TTL Output Low Voltage
VOL
VDD = 4.75 V
IOL = +4 mA
–
0.4
V
TTL Driving CMOS,
Output High Voltage
VOH
VDD = 4.75 V
IOH = –4 mA
3.68
–
V
TTL Driving CMOS,
Output Low Voltage
VOL
VDD = 4.75 V
IOL = +4 mA
–
0.4
V
Table 10-6.
DC Operating Characteristics for REF_IN
Parameter
Symbol
Test Conditions
Min.
Max.
Units
Input High Voltage
VIH
VDD = 5.25 V
VSS = 0 V
3.5
–
V
Input Low Voltage
VIL
VDD = 5.25 V
VSS = 0 V
–
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com