Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 118 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 118 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 114Page - Integrated Circuit Systems ICS1892 Datasheet HTML 115Page - Integrated Circuit Systems ICS1892 Datasheet HTML 116Page - Integrated Circuit Systems ICS1892 Datasheet HTML 117Page - Integrated Circuit Systems ICS1892 Datasheet HTML 118Page - Integrated Circuit Systems ICS1892 Datasheet HTML 119Page - Integrated Circuit Systems ICS1892 Datasheet HTML 120Page - Integrated Circuit Systems ICS1892 Datasheet HTML 121Page - Integrated Circuit Systems ICS1892 Datasheet HTML 122Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
118
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
9.2.5
Reserved Pins
Table 9-10 lists the reserved pins.
9.2.6
Ground and Power Pins
Table 9-11 lists the ground and power pins.
TXEN
–
44
No
Connect
Transmit Enable.
For the Link Pulse Interface, this pin is a no connect. For more
information, see Table 6-3.
TXER
LPTX
42
Input
Link Pulse (Interface) Transmit Error.
This pin’s description is the same as that given in Table 9-6.
Table 9-10.
Reserved Pins
Pin
Name
Pin
Number
Pin
Type
Pin Description
NC
12, 13,
14, 15,
20, 26
–
No Connect.
• These pins are always reserved for use by ICS.
• Depending on the interface that is used, other pins can also be
no-connects. For pins that are no connects when the interface is the:
– 100M Symbol Interface, see Section 9.2.4.2, “MAC/Repeater
Interface Pins for 100M Symbol Interface”.
– 10M Serial Interface, see Section 9.2.4.3, “MAC/Repeater Interface
Pins for 10M Serial Interface”.
– Link Pulse Interface, see Section 9.2.4.4, “MAC/Repeater Interface
Pins for Link Pulse Interface”.
Caution: ‘No-Connect’ pins must not be connected, as connecting them
can affect the performance of the ICS1892.
Table 9-11.
Ground and Power Pins
Pin Name Pin Number
Pin Type
Pin Description
VSS
7
Ground
Analog Domain
VSS
17
Ground
Analog Domain
VSS
29
Ground
Analog Domain
VSS
51
Ground
Analog Domain
VSS
55
Ground
Analog Domain
VSS
40
Ground
Digital Domain
VSS
63
Ground
Digital Domain
VSS
9
Ground
Analog Domain
VDD
8
Power
Analog Domain
VDD
16
Power
Analog Domain
Table 9-9.
MAC/Repeater Interface Pins: Link Pulse Interface (Continued)
MII Pin
Name
Link
Pluse
Pin
Name
Pin
No.
Pin
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com