Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 116 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 116 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 112Page - Integrated Circuit Systems ICS1892 Datasheet HTML 113Page - Integrated Circuit Systems ICS1892 Datasheet HTML 114Page - Integrated Circuit Systems ICS1892 Datasheet HTML 115Page - Integrated Circuit Systems ICS1892 Datasheet HTML 116Page - Integrated Circuit Systems ICS1892 Datasheet HTML 117Page - Integrated Circuit Systems ICS1892 Datasheet HTML 118Page - Integrated Circuit Systems ICS1892 Datasheet HTML 119Page - Integrated Circuit Systems ICS1892 Datasheet HTML 120Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
116
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
RXD0
10RD
35
10M (Serial Interface) Receive Data.
This pin’s description is the same as that given in Table 9-6.
RXD1,
RXD2,
RXD3
–34,
33,
32
No
Connect
Receive Data 1–3.
For the 10M Serial Interface, these pins are a no connect. For
more information, see Table 6-2.
RXDV
10RXDV
36
Output
10M (Serial Interface) Receive Data Valid.
The ICS1892 asserts 10RXDV to indicate to the MAC/repeater
that data is available on the MII Receive Bus (RXD[3:0]). The
ICS1892:
• Asserts 10RXDV after it detects and recovers the
Start-of-Stream delimiter, /J/K/. (For the timing reference,
see Chapter 10.5.6, “MII / 100M Stream Interface:
Synchronous Receive Timing”.)
• De-asserts 10RXDV after it detects either the End-of-Stream
delimiter (/T/R/) or a signal error.
Note: 10RXDV is synchronous with the Receive Data Clock,
10RCLK.
RXER
–
38
No
connect
Receive Error.
For the 10M Serial Interface, this pin is a no connect. For more
information, see Table 6-2.
RXTRI
39
Input
Receive (Interface), Tri-State.
The input on this pin is from a MAC. When the signal on this pin
is logic:
• Low, the MAC indicates that it is not in a tri-state condition.
• High, the MAC indicates that it is in a tri-state condition. In
this case, the ICS1892 acts to ensure that only one PHY is
active at a time.
TXER
–
42
No
connect
Transmit Error.
For the 10M Serial Interface, this pin is a no connect. For more
information, see Table 6-2.
TXCLK
10TCLK
43
10M (Serial Interface) Transmit Clock.
In 10M Serial TXCLK is 10 MHz.
TXD0
10TD
45
Input
10M (Serial Interface) Transmit Data.
This pin’s description is the same as that given in Table 9-6.
TXD1,
TXD2,
TXD3
–46,
47,
48
No
connect
Transmit Data 1–3.
For the 10M Serial Interface, these pins are a no connect. For
more information, see Table 6-2.
TXEN
10TXEN
44
Input
10M (Serial Interface) Transmit Enable.
This pin’s description is the same as that given in Table 9-6.
TXER
–
42
No
connect
Transmit Error.
For the 10M Serial Interface, these pins are a no connect. For
more information, see Table 6-2.
Table 9-8.
MAC/Repeater Interface Pins: 10M Serial Interface (Continued)
MII Pin
Name
10M
Serial
Pin
Name
Pin
No.
Pin
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com