Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 8 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 8 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 4Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 5Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 6Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 7Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 8Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 9Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 10Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 11Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 12Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
8
Current Input Module, -20 mA to +20 mA, Eight Channels
Specifications
SNAP-AIMA-8
4-20 self-powered (self-
sourcing) transmitters
Current Source
NOTE: Terminals 2, 4, 6, and 8 on both
connectors are connected internally.
NOTE: For transmitters sharing the plus side of the loop power
supply, the input current will be read as a positive current.
CH 2
CH 1
CH 0
CH 3
T
1
23
4
5
6
7
8
T
T
T
T
2 3
4 5 6
7 8 1
2 3
4 5 6
7 8
CH 4
CH 5
CH 6
CH 7
T
T
T
External loop
power supply
OR
See additional wiring diagrams on page 7.
Description
The SNAP-AIMA-8 module provides an input range of -20mA
to +20mA with eight channels of analog current input. (If you
need a similar module with 32 channels, see page 9.) The
SNAP-AIMA-8 can be used with SNAP PAC brains and rack-
mounted controllers only. These modules DO NOT supply
loop excitation current.
Since all inputs share a common reference, the module must
be installed at the beginning or end of a typical 4–20mA loop.
If you are using both standard and self-sourcing transmitters,
either put the transmitters on different modules or use
different power supplies. If you need channels that are
isolated from each other on the same module, see Opto 22
form #1182.
If you have multiple self-sourcing transmitters that share the
same positive common, do not use this module. Use the
SNAP-AIMA-i module instead. See Opto 22 form #1182.
Part Number
Description
SNAP-AIMA-8
Eight-channel analog current input,
-20 mA to +20 mA
Input Range
-20 mA to +20 mA
Over-Range Limits
From -22 to +22 mA
(+/-20 mA range)
Resolution
0.8 microamps
Data Freshness (Max)
0.28 seconds
DC Common Mode Rejection
>-120 dB
AC Common Mode Rejection
>-120 dB @ 60 Hz
Maximum Survivable Input
36 mA or 9 VDC
Maximum Operating Common
Mode Voltage
250 V
Accuracy
0.05% (10 microamps)
DRIFT: Gain Temperature
Coefficient
30 PPM/ °C
DRIFT: Offset Temperature
Coefficient
15 PPM/ °C
Isolation
1500 V
Power Requirements
5 VDC (±0.15 ) @ 170 mA
Input Resistance - Single
Ended
100 ohms (all channels share
the same reference point)
Operating Temperature
0 °C to 70 °C
Storage Temperature
-40 °C to 85 °C
Torque, hold-down screws
4 in-lb (0.45 N-m)
Torque, connector screws
1.7 in-lb (0.19 N-m)
Agency Approvals
CE, RoHS, DFARS
Warranty
Lifetime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com