Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 27 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 27 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 23Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 24Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 25Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 26Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 27Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 28Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 29Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 30Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 31Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
27
Voltage Input Module, -10 VDC to +10 VDC or -5 VDC to +5 VDC,
Two or Four Channels
Specifications
Part Number
Description
SNAP-AIV
Two-channel analog voltage input -10 to +10 VDC
SNAP-AIV-4
Four-channel analog voltage input -10 to +10 VDC
Input Range
From -10 volts to +10 volts
From -5 volts to +5 volts
Over-Range Limits
From -11 to +11 volts (+/-10 V range)
From -5.5 to +5.5 volts (+/-5 V range)
Resolution
0.4 mV when configured -10 to +10 volts
0.2 mV when configured -5 to +5 volts
Input Filtering
-3 dB @ 64 Hz
Input Response Time
(% of span/ delta V / delta t)
63.2% / 6.7 V / 10 ms
Data Freshness (Max)
11.5 ms (2-channel, +/- 10 VDC)
23 ms (2-channel, +/- 5 VDC
23 ms (4-channel, +/- 10 VDC)
46 ms (4-channel, +/- 5 VDC
DC Common Mode Rejection >-120 dB
AC Common Mode Rejection >-120 dB @ 60 Hz
Maximum Survivable Input
220 VAC or 300 VDC
Maximum Operating Com-
mon Mode Voltage
250 V
Accuracy
0.05%, 5 mV @ 10 VDC
2.5 mV @ 5 VDC
Gain Temperature Coefficient 30 PPM/ °C
Offset Temperature Coeffi-
cient
15 PPM/ °C
Isolation
1500 V
Power Requirements
5 VDC (±0.15) @ 170 mA
Input Resistance
1 M ohms (each channel; both channels
share the same reference point)
Ambient Temperature:
Operating
Storage
0 °C to 70 °C
-40 °C to 85 °C
Wire size
22 to 14 AWG
Torque, hold-down screws
4 in-lb (0.45 N-m)
Torque, connector screws
5.26 in-lb (0.6 N-m)
Agency Approvals
UL, FM, CE, RoHS, DFARS
Warranty
Lifetime
SNAP-AIV (Two channels)
Four-channel module wiring is shown on page 28.
IMPORTANT: The mounting rack connector has 24 pins;
the module connector has 20 pins. The extra pins on the
mounting rack connector prevent misalignment of the
module during installation.
Description
The SNAP-AIV and SNAP-AIV-4 modules can be
configured for either -10 VDC to +10 VDC or -5 VDC to +5
VDC operation on each channel. The SNAP-AIV provides
two channels, and the SNAP-AIV-4 four. If you need a
module with more channels, see page 29. See the table
on page 3 for I/O processor compatibility.
Note that all channels share a common reference
terminal. If you need two isolated channels on the same
module, see Opto22 form #1182.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com