Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 25 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 25 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 21Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 22Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 23Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 24Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 25Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 26Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 27Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 28Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 29Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
25
Thermocouple/Millivolt Input Module
Specifications
Part Number
Description
SNAP-AITM-8
SNAP-AITM-8-FM
8-channel B, C, D, E, G, J, K, N, R, S,
or T thermocouple or -75 mV to
+75 mV, 50 mV to +50 mV, or 25 mV
to +25 mV input
Input Range
From -75 mV to +75 mV
From -50 mV to +50 mV
From -25 mV to +25 mV
Over-Range Limits
From -82.5 to +82.5 mV (+/-75 mV range)
From -55 to +55 mV (+/-50 mV range)
From -27.5 to +27.5 mV (+/-25 mV range)
Resolution
3 microvolts from -75 mV to +75 mV
2 microvolts from -50 mV to +50 mV
1 microvolts from -25 mV to +25 mV
Cold Junction Temperature
Compensation
Automatic when used with SNAP I/O
processors
Input Filtering
-3 dB @ 5 Hz
Data Freshness (Max)
2.25 s
DC Common Mode
Rejection
>-120 dB
AC Common Mode
Rejection
>-120 dB @ 60 Hz
Maximum Survivable Input
±15 volts
Max Operating Common
Mode Voltage
250 V
Accuracy at Full Scale
0.1% (75 microvolts) @ 75 mV
0.1% (50 microvolts) @ 50 mV
0.2% (50 microvolts) @ 25 mV
Drift: Gain Temperature
Coefficient
5 microvolts / °C
Drift: Offset Temperature
Coefficient
2 microvolts / °C
Thermocouple Accuracy [°C]
E, J, K
B, R, S
C, D, G
T, N
From factory
±2.0
±5
±4
±3
After user gain and offset
commands
±0.5
±3
±2
±2
Isolation
1500 V
Power Requirements
5 VDC (±0.15) @ 200 mA
Input Resistance
100 Megohms (each channel)
Ambient Temperature:
Operating
Storage
0 °C to 70 °C
-40 °C to 85 °C
Torque, hold-down screws
4 in-lb (0.45 N-m)
Torque, connector screws
3 in-lb (0.34 N-m)
Agency Approvals
SNAP-AITM-8: UL, CE, RoHS, DFARS
SNAP-AITM-8-FM: FM, CE, RoHS,
DFARS
Warranty
Lifetime
SNAP-AITM-8 and SNAP-AITM-8-FM
Thermocouple Polarity and Range
Type
-
+
Range
B
RED
GRAY
+42° C to +1,820 °C
C, D, G
RED
WHITE
0° C to +2,320 °C
E
RED
PURPLE
-270°C to +1,000 °C
J
RED
WHITE
-210°C to +1,200 °C
K
RED
YELLOW
-270°C to +1,372 °C
N
RED
ORANGE -270° C to +1,300 °C
R, S
RED
BLACK
-50° C to +1,768 °C
T
RED
BLUE
-270° C to +400 °C
NOTE: For best accuracy, wire all points before
calibrating, and short all unused channels.
The SNAP-AITM-8-FM is Factory Mutual approved.
Millivolt Thermocouple Source
+
+ – –
+
+ ––
+
+ – –
+
+ ––
Common terminals are connected internally.
Description
The SNAP-AITM-8 and SNAP-AITM-8-FM modules
provide eight channels of analog to digital conversion.
Each channel on the module can be configured for -75
mV DC to +75 mV DC, -50 mV DC to +50 mV DC, -25
mV DC to +25 mV DC, or for type B, C, D, E, G, J, K, N, R,
S or T thermocouple operation.
Since all inputs share the same reference terminal, use
isolated probes for thermocouple inputs. See the
dimensional diagram on page 37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com