Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 30 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 30 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 26Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 27Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 28Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 29Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 30Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 31Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 32Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 33Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 34Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
30
Voltage Input Module, -10 VDC to +10 VDC or -5 VDC to +5 VDC,
32 Channels
Description
The SNAP-AIV-32 and SNAP-AIV-32-FM modules can be
configured for either -10 VDC to +10 VDC or -5 VDC to +5 VDC
operation on each of its 32 channels. See the table on page 3
for I/O processor compatibility. The SNAP-AIV-32-FM is Factory
Mutual approved.
Note that all channels share a common reference terminal.
(For channel-to-channel isolated modules, see Opto22 form
#1182.)
SNAP TEX cables and a breakout rack are available separately
for wiring points to field devices (see form #1756, the SNAP TEX
Cables & Breakout Boards Data Sheet). The SNAP-HD-BF6 wiring
harness connects the module to the breakout rack, which can
then be wired to field devices. The SNAP-HD-CFB6 wiring
harness has flying leads to connect to field devices.
See the dimensional drawing for the module on page 39.
Part Number
Description
SNAP-AIV-32
SNAP-AIV-32-FM
32-channel analog voltage input -10 to
+10 VDC
SNAP-HD-CBF6
Wiring harness with flying leads for
SNAP-AIV-32 modules
SNAP-HD-BF6
Wiring harness for SNAP-AIV-32 mod-
ules and SNAP-AIV-HDB breakout racks
SNAP-AIV-HDB
SNAP-AIV-HDB-FM
Breakout racks for SNAP-AIV-32 and
SNAP-AIV-32-FM
Specifications
Input Range
From -10 volts to +10 volts
From -5 volts to +5 volts
Over-Range Limits
From -11 to +11 volts (+/-10 V range)
From -5.5 to +5.5 volts (+/-5 V range)
Resolution
0.4 mV when configured -10 to +10 volts
0.2 mV when configured -5 to +5 volts
Input Filtering
-3 dB @ 31 Hz
Data Freshness (Max)
1.1 s
DC Common Mode
Rejection
>-120 dB
AC Common Mode
Rejection
>-120 dB @ 60 Hz
Maximum Survivable
Input
220 VAC or 300 VDC
Maximum Operating
Common Mode Volt-
age
250 V
Accuracy
0.05%, 5 mV @ 10 VDC
2.5 mV @ 5 VDC
Gain Temperature
Coefficient
30 PPM/ °C
Offset Temperature
Coefficient
15 PPM/ °C
Isolation
1500 V
Power Requirements
5 VDC (±0.15) @ 150 mA
Input Resistance
1 M ohms (each channel; all channels
share the same reference point)
Ambient Temperature:
Operating
Storage
0 °C to 70 °C
-40 °C to 85 °C
Torque,
hold-down screws
4 in-lb (0.45 N-m)
Torque,
connector screws
5.26 in-lb (0.6 N-m)
Agency Approvals
SNAP-AIV-32: UL, CE, RoHS, DFARS
SNAP-AIV-32-FM: FM, CE, RoHS,
DFARS
Warranty
Lifetime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com