Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 4 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 4 Page - Opto Electronics Co,. LTD

  SNAP-AIARMS Datasheet HTML 1Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 2Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 3Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 4Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 5Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 6Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 7Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 8Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 9Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
4
0 to 10 Amp RMS AC/DC Input Module
Specifications
Description
The SNAP-AIARMS module provides an input range of 0 to 10
amps RMS AC/DC. An ideal input is the 5-amp secondary of a
standard current transformer used to monitor AC line current.
The SNAP-AIARMS module may be used to monitor AC
current to greater than a 100-amp range, using a current
transformer of suitable ratio.
If you need a module with channel-to-channel isolation, see
form #1182, the SNAP Isolated Analog Input Modules Data
Sheet.
Wiring diagrams are on the following page.
Part Number
Description
SNAP-AIARMS Two-channel 0 to 10 amp RMS AC/DC input
Input Range
0 to 10 amp RMS AC/DC
Input Over-Range
To 11 amps
Input Resistance
0.005 ohms
Maximum Input
11 amps AC/DC
Accuracy (AC)
±8 mA and ±0.2% reading
Resolution
400 microamps
DC Reversal
±16 mA (0.16%)
Input Response Time
(Step Change)
63.2% (158 V) in 50 mS
99% (248 V) in 75 mS
Data Freshness (Max)
32.3 ms
DC Common Mode Rejec-
tion
>-120 dB
AC Common Mode Rejec-
tion
>-120 dB at 60 Hz
Maximum Operating Com-
mon Mode Voltage
250 V
Isolation
1500 V
Power Requirements
5 VDC (±0.15 V) at 170 mA
Operating Temperature
0 °C to 70 °C
Storage Temperature
-40 °C to 85 °C
Wire size
22 to 14 AWG
Torque, hold-down screws
4 in-lb (0.45 N-m)
Torque, connector screws
5.26 in-lb (0.6 N-m)
Agency Approvals
UL, FM, CE, RoHS, DFARS
Warranty
Lifetime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com