Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 11 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 11 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 7Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 8Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 9Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 10Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 11Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 12Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 13Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 14Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 15Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
11
0 to 25,000 Hz Analog Rate Input Module
Specifications
Description
The SNAP-AIRATE module provides two channels of
frequency-to-digital conversion. The nominal input range is 0
to 25,000 Hz with an over-range capability to 27,500 Hz. Nine
volts through a 4.7 K ohm pull-up resistor are provided
internally for use with devices that have open collector
outputs. This feature eliminates the need for the user to
provide the pull-up voltage supply and associated wiring,
barrier strips, etc.
The module works with TTL, CMOS, and open collector
outputs. Truly a two-wire hookup, the SNAP-AIRATE module is
ideally suited for use with a tachometer.
Please note that this module does not provide channel-to-
channel isolation. If you need isolated channels, see the SNAP
Isolated Analog Input Modules Data Sheet, form 1182.
Nominal Input Range
0 to 25,000 Hz
Input Over-Range
To 27,500 Hz
Resolution
1 Hz
Input Response Time(% of
span / delta Hz / delta time)
10.0% / 2,500 Hz / 0.1 sec
63.2% / 15.8 K Hz / 0.9 sec
99.0% / 24.75 K Hz / 4.2 sec
Data Freshness (Max)
126 ms
DC Common Mode Rejection
> -120 dB
AC Common Mode Rejection
> -120 dB at 60 Hz
Maximum Operating Common
Mode Voltage
250 V
Accuracy (% full scale)
±4 Hz or ±0.5% of the input fre-
quency (whichever is greater)
Drift: Gain Temperature Coeffi-
cient
200 ppm / °C
Drift: Offset Temperature Coef-
ficient
50 ppm / °C
Input Coupling
Single-ended AC (capacitor
coupled)
Input Amplitude
Sine wave
Square wave
2.5 V to 24 V p-p
0.5 V to 24 V p-p
Minimum Pulse Width
18 microseconds
Input Impedance (Inputs share
the same reference point.)
Pull-up Voltage
Pull-up Resistor
50 K ohms AC coupled
(-input to +input)
6 to 9 V
4.7 K ohms
Isolation
1500 V
Power Requirements
5 VDC (±0.15 V) at 190 mA
Operating Temperature
0 °C to 70 °C
Storage Temperature
-40 °C to 85 °C
Wire size
22 to 14 AWG
Torque, hold-down screws
4 in-lb (0.45 N-m)
Torque, connector screws
5.26 in-lb (0.6 N-m)
Agency Approvals
UL, FM, CE, RoHS, DFARS
Warranty
Lifetime
Part Number
Description
SNAP-AIRATE
0–25,000 Hz analog rate input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com