Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 10 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 10 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 6Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 7Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 8Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 9Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 10Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 11Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 12Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 13Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 14Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
10
Current Input Module, -20 mA to +20 mA, 32 Channels (continued)
Wiring diagram: SNAP-AIMA-HDB breakout rack to SNAP-AIMA-32 module
NOTE: This diagram also applies to the SNAP-AIMA-HDB-FM rack and the SNAP-AIMA-32-FM
module.
Use with loop power (2-wire) negative common devices only.
For self-powered (4-wire) devices, see page 31.
For positive common devices, see page 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com