Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 33 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 33 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 29Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 30Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 31Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 32Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 33Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 34Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 35Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 36Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 37Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
33
Millivolt Input Module
Specifications
SNAP-AIMV-4
IMPORTANT: The mounting rack connector has 24 pins; the
module connector has 20 pins. The extra pins on the
mounting rack connector prevent misalignment of the
module during installation.
Description
The SNAP-AIMV-4 module provides four channels of analog to
digital conversion. See the table on page 3 for I/O processor
compatibility.
Each channel on the module can be configured for -150 mV
DC to +150 mV DC or -75 mV DC to +75 mV DC.
Note that all inputs share the same reference terminal.
Part Number
Description
SNAP-AIMV-4
Four-channel -150 to +150 mV or
-75 to +75 mV input
Input Range
From -150 mV to +150 mV
From -75 mV to +75m V
Over-Range Limits
From -165 to +165 mV
(+/-150 mV range)
From -82.5 to +82.5 mV
(+/-75 mV range)
Resolution
6 microvolts (-150 mV to +150 mV)
3 microvolts (-75 mV to +75 mV)
Input Filtering
-3 dB @ 7 Hz
Input Response Time (%
of span/delta V/delta time)
63.2%/95 mV/23 ms
Data Freshness (Max)
335 ms (+/- 150 mV)
668 ms (+/- 75 mV)
DC Common Mode
Rejection
>-120 dB
AC Common Mode
Rejection
>-120 dB @ 60 Hz
Maximum Survivable
Input
±15 volts
Maximum Operating
Common Mode Voltage
250 V
Accuracy at Full Scale
0.06% (90 microvolts) @ 150 mV
0.1% (75 microvolts) @ 75 mV
Drift: Gain Temperature
Coefficient
3 microvolts / °C
Drift: Offset Temperature
Coefficient
2 microvolts / °C
Isolation
1500 V
Power Requirements
5 VDC (±0.15 ) @ 170 mA
Input Resistance - Single
Ended
100 Megohms (each channel)
Operating Temperature
0 °C to 70 °C
Storage Temperature
-40 °C to 85 °C
Wire size
22 to 14 AWG
Torque, hold-down screws 4 in-lb (0.45 N-m)
Torque, connector screws
5.26 in-lb (0.6 N-m)
Agency Approvals
UL, FM, CE, RoHS, DFARS
Warranty
Lifetime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com