Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 2 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 2 Page - Opto Electronics Co,. LTD

  SNAP-AIARMS Datasheet HTML 1Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 2Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 3Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 4Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 5Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 6Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 7Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 8Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 9Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
2
use PAC Manager™ software to calculate and set offset and
gain.
Isolation
All SNAP analog input modules are isolated from all other
modules and from the SNAP I/O processor. The modules in
this data sheet do not have channel-to-channel isolation,
however. (If you need isolated analog modules, see Opto 22
form #1182.)
Transformer isolation prevents ground loop currents from
flowing between field devices and causing noise that
produces erroneous readings. Ground loop currents are
caused when two grounded field devices share a connection,
and the ground potential at each device is different.
Isolation also protects sensitive control electronics from
industrial field signals.
IMPORTANT: Since these analog input modules provide
multiple single-ended input channels with a common
reference, the channels are not isolated from each other. (See
Opto 22 form #1182 for isolated modules.)
Bipolar and Unipolar Input Modules
Most SNAP analog input modules are considered to be
bipolar, which means the range extends equal amounts above
and below zero. An example of this is the SNAP-AIV module,
which has a range of -10 to +10 VDC.
Some modules are considered unipolar, which means the
range starts or ends at zero. For example, the SNAP-AIVRMS
module has a range of 0 to 250 VAC because AC current
cannot be negative.
Nominal Range and Over-range Limits
All SNAP analog input modules have a nominal range for the
field signal and most support a 10% over-range limit. The
nominal range is the normal range of the field signal for the
module or point configuration. The over-range limit is the
maximum valid field signal the module or point configuration
can read outside of the nominal range. For example, the over-
range limits for the SNAP-AIV are -11 and +11 VDC, and for the
SNAP-AIVRMS, the over-range limit is 275 VAC.
Some modules or point configurations do not support field
signals outside of the nominal range. For example, points
configured as temperature inputs (thermocouple, RTD, ICTD)
do not support over-range readings.
When the field signal is outside of the over-range limits of the
module, the brain will not be able to determine if the value is
too high or too low, so it will return an "out of range" value of -
32768.0
Over-range limits only apply to input modules. Output
modules are limited to their nominal ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com