Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 18 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 18 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 14Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 15Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 16Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 17Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 18Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 19Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 20Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 21Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 22Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
18
RTD Input Modules
Wiring
RTD input modules are designed for three-wire connections,
shown in the diagram below.
If you use a four-
wire connection
(shown at the
bottom right),
DO NOT connect
the fourth wire,
as it will cause
errors in the
readings.
Two-wire
connections
are not
recommended,
as they will
degrade
accuracy and
stability.
Part Number
Description
SNAP-AIRTD-1K
Two-channel 1000 ohm platinum RTD input
SNAP-AIRTD
Two-channel 100 ohm platinum RTD input
SNAP-AIRTD-10
Two-channel 10 ohm copper RTD input
SNAP-AIRTD, SNAP-AIRTD-1K, and SNAP-AIRTD-10
IMPORTANT: The mounting rack connector has 24 pins; the
module connector has 20 pins. The extra pins on the
mounting rack connector prevent misalignment of the
module during installation.
Description
The SNAP-AIRTD and SNAP-AIRTD-1K platinum and the
SNAP-AIRTD-10 copper modules are usually used for
temperature inputs. They can also be used to make high-
resolution resistance measurements.
On all three modules, the two inputs share the same
reference terminal. Make sure you use isolated RTD probes.
The SNAP-AIRTD-10 and SNAP-AIRTD-1K require a SNAP
PAC brain or R-series controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com