Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 19 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 19 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 15Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 16Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 17Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 18Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 19Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 20Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 21Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 22Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 23Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
19
RTD Input Modules (continued)
Specifications
SNAP-AIRTD-1K
SNAP-AIRTD
SNAP-AIRTD-10
3-wire RTD input
1000 ohm platinum @ 0 °C
α= 0.00385
1000 ohm nickel @ 0 °C
α= 0.00618
1000 ohm nickel @ 70 °C
α= 0.00637
100 ohm platinum;
α= 0.00385
100 ohm nickel, -60 to 250 °C
120 ohm nickel, -80 to 260 °C
10 ohm copper;
α= 0.00428
Input Temperature Range
-200 °C to 850 °C
(-328° to +1,582° F)
-200 °C to 850 °C
(-328° to +1,582° F)
-180 °C to 260 °C
(-292° to +500° F)
Input Range
0 to 4000 ohms
0 to 400 ohms
0 to 25 ohms
Over-Range Limit
to 4400 ohms
to 440 ohms
to 27.5 ohms
Resolution (average)
0.042 °C (0.16 ohms)
0.042 °C (0.016 ohms)
0.026 °C (0.001 ohms)
Input Filtering
-3 dB @ 0.1 Hz
-3 dB @ 0.1 Hz
-3 dB @ 100 Hz
Data Freshness (Max)
100 ms
100 ms
168 ms
Lead Compensation
Automatic when used with
SNAP brains
Automatic when used with
SNAP brains
Automatic when used with
SNAP PAC brains
DC Common Mode Rejection
>-120 dB
>-120 dB
>-120 dB
AC Common Mode Rejection
>-120 dB at 60 Hz
>-120 dB at 60 Hz
>-120 dB at 60 Hz
Excitation (typical)
0.256 mA constant current
1.25 mA constant current
5.4 mA constant current
Maximum Lead Resistance
>40 ohms single wire (all
leads to be equal resistance)
>40 ohms single wire (all leads
to be equal resistance)
>15 ohms single wire (all
leads to be equal resistance)
Maximum Fault Voltage at Input
(between any 2 field wires)
±15 V
±15 V
±15 V
Maximum Operating Common
Mode Voltage
250 V
250 V
250 V
Accuracy
From factory
After setting gain and offset
0.8 °C
0.6 °C
0.8 °C
0.6 °C
0.6 °C
0.5 °C
Isolation
1500 V
1500 V
1500 V
Power Requirements
5 VDC (±0.15) @ 190 mA
5 VDC (±0.15) @ 190 mA
5 VDC (±0.15) @ 190 mA
Operating Temperature
0 °C to 70 °C
0 °C to 70 °C
0 °C to 70 °C
Storage Temperature
-40 °C to 85 °C
-40 °C to 85 °C
-40 °C to 85 °C
Wire size
22 to 14 AWG
22 to 14 AWG
22 to 14 AWG
Torque, hold-down screws
4 in-lb (0.45 N-m)
4 in-lb (0.45 N-m)
4 in-lb (0.45 N-m)
Torque, connector screws
5.26 in-lb (0.6 N-m)
5.26 in-lb (0.6 N-m)
5.26 in-lb (0.6 N-m)
Agency Approvals
CE, RoHS, DFARS
UL, FM, CE, RoHS, DFARS
CE, RoHS, DFARS
Warranty
Lifetime
Lifetime
Lifetime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com