Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 17 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 17 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 13Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 14Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 15Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 16Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 17Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 18Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 19Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 20Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 21Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
17
80
176
282.7
376.6
1,458.0
1,255.0
85
185
240.9
320.9
1,255.0
1,070.0
90
194
206.2
274.6
1,084.0
915.4
95
203
177.1
236.0
939.3
786.6
100
212
152.8
203.6
816.8
678.6
105
221
132.3
176.3
712.6
587.6
110
230
115.0
153.2
623.6
510.6
115
239
100.3
133.6
547.3
445.2
120
248
87.7
116.9
481.8
389.6
125
257
77.0
102.6
425.3
341.9
130
266
67.8
90.3
376.4
301.0
135
275
59.9
79.7
334.0
265.8
140
284
53.0
70.6
297.2
235.4
145
293
47.1
62.7
265.1
209.0
150
302
41.9
55.8
237.0
186.1
The information in this table is provided by Automation Components, Inc.
SNAP-AIR400K-8 Auto-range Curves Table (continued)
2252 curve
3K curve
10K type 3 curve
10K type 2 curve
Temp °C
Temp °F
Resistance (Ohms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com