Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 29 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 29 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 25Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 26Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 27Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 28Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 29Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 30Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 31Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 32Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 33Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
29
Voltage Input Module, -10 VDC to +10 VDC or -5 VDC to +5 VDC,
Eight Channels
Note that all channels share a common reference terminal. If you need
two isolated channels on the same module, see Opto22 form #1182.
Specifications
Part Number
Description
SNAP-AIV-8
Eight-channel analog voltage input -10 to +10 VDC
Input Range
From -10 volts to +10 volts
From -5 volts to +5 volts
Over-Range Limits
From -11 to +11 volts (+/-10 V range)
From -5.5 to +5.5 volts (+/-5 V range)
Resolution
0.4 mV when configured -10 to +10 volts
0.2 mV when configured -5 to +5 volts
Input Filtering
-3 dB @ 64 Hz
Data Freshness (Max)
0.28 seconds
DC Common Mode
Rejection
>-120 dB
AC Common Mode
Rejection
>-120 dB @ 60 Hz
Maximum Survivable
Input
220 VAC or 300 VDC
Maximum Operating
Common Mode Voltage
250 V
Accuracy
0.05%, 5 mV @ 10 VDC
2.5 mV @ 5 VDC
Gain Temperature Coeffi-
cient
30 PPM/ °C
Offset Temperature Coef-
ficient
15 PPM/ °C
Isolation
1500 V
Power Requirements
5 VDC (±0.15) @ 170 mA
Input Resistance
1 M ohms (all channels share the same
reference point)
Ambient Temperature:
Operating
Storage
0 °C to 70 °C
40 °C to 85 °C
Torque, hold-down screws 4 in-lb (0.45 N-m)
Torque, connector screws
1.7 in-lb (0.19 N-m)
Agency Approvals
CE, RoHS, DFARS
Warranty
Lifetime
SNAP-AIV-8
Voltage Source
NOTE: Terminals 2, 4, 6, and 8 on both
connectors are connected internally.
CH 2
CH 1
CH 0
CH 3
1 2 3
4 5 6
7 8 1
2 3
4 5 6
7 8
CH 6
CH 5
CH 4
CH 7
Description
The SNAP-AIV-8 module can be configured for either -
10 VDC to +10 VDC or -5 VDC to +5 VDC operation on
each of its eight input channels. (If you need a module
with more channels, see page 30.) The SNAP-AIV-8 can
be used only with SNAP PAC brains and rack-mounted
controllers (standard wired and Wired+Wireless
models).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com