Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 3 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 3 Page - Opto Electronics Co,. LTD

  SNAP-AIARMS Datasheet HTML 1Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 2Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 3Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 4Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 5Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 6Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 7Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 8Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 9Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
3
Installation
Note module and processor compatibility in the following
table:
All modules can be used with SNAP PAC rac ks and can be
placed in any position on the rack. Two- and four-channel
modules (except the SNAP-AIRTD-10 and SNAP-AIRTD-1K) can
also be used with legacy SNAP M-series and B-series
mounting racks. (For more information on using legacy
hardware, see form #1688, the SNAP PAC System Migration
Technical Note.)
Modules snap securely into place in the row of connectors on
the mounting rack. Each module connector has a number.
Analog input modules and other types of SNAP I/O modules
are mounted on the module connectors starting at module
position zero.
Modules require a special tool (provided) for removal.
The following diagram shows part of a SNAP PAC mounting
rack.
1.
Place the rack so that the module connector numbers
are right-side up, with zero on the left, as shown in the
diagram above. (If your rack has screw connectors, the
screw connectors will be at the bottom.)
2.
Position the module over the module connector,
aligning the small slot at the base of the module with
the retention bar on the rack. When positioning modules
next to each other, be sure to align the male and female
module keys at the tops of the modules before snapping
a module into position.
3.
With the module correctly aligned, push on the module
to snap it into place.
4.
(Optional) Use standard 4-40 x 1/4 truss-head Phillips
hold-down screws to secure both sides of each module.
CAUTION: Do not over-tighten screws.
5.
Follow the wiring diagrams beginning on page 4 to
attach modules to the devices they monitor. Most
modules accept 22 to 14 AWG wire; the SNAP-AITM-8
accepts a maximum of two solid 18 AWG wires.
For faster, easier field wiring installation and maintenance,
use SNAP TEX cables and breakout boards. See Opto 22 form
#1756, the SNAP TEX Cables & Breakout Boards Data Sheet, for
compatibility and specifications.
Modules
Compatible I/O Processors
32-channel inputs
8-channel inputs
SNAP-AIRTD-10
SNAP-AIRTD-1K
SNAP PAC R-series controllers and
SNAP PAC brains, including Wired+Wire-
less models
4-channel inputs
SNAP PAC R-series controllers and
SNAP PAC brains, including Wired+Wire-
less models
Also the following legacy brains:
SNAP Ethernet, SNAP Simple, SNAP
Ultimate; SNAP-DNP-ASDS; SNAP OEM
2-channel inputs
(except SNAP-
AIRTD-10 and
SNAP-AIRTD-1K)
SNAP PAC R-series controllers and
SNAP PAC brains, including Wired+Wire-
less models
Also the following legacy brains:
SNAP Ethernet, SNAP Simple, SNAP
Ultimate; SNAP-DNP-ASDS; SNAP OEM;
serial SNAP brains (B3000, Modbus, Pro-
fibus); B3000-HA; B6
Module
position zero
Module connectors
Processor
connector
Retention bar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com