Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 13 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 13 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 9Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 10Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 11Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 12Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 13Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 14Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 15Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 16Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 17Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
13
Thermistor Input Module 0–40 K, 0–20 K, 0–10 K, or 0–5 K Ohm
Specifications
SNAP-AIR40K-4
IMPORTANT: The mounting rack connector has 24 pins; the module
connector has 20 pins. The extra pins on the mounting rack
connector prevent misalignment of the module during installation.
Description
The SNAP-AIR40K-4 module provides four channels of analog
to digital conversion, ideal for thermistors used in HVAC
applications or for reading the resistance of potentiometer
input. See the table on page 3 for I/O processor compatibility.
The default input range is 0 to 40 K Ohms. The module can
also be configured for 0 to 20 K, 0 to 10 K, or 0 to 5 K Ohms.
NOTE: Resistance probes must be isolated from each other.
Part Number
Description
SNAP-AIR40K-4
Four-channel analog resistor/thermistor
input, 40 K Ohms, 20 K Ohms, 10 K Ohms,
or 5 K Ohms
Input Range
0 to 40,000 Ohms
0 to 20,000 Ohms
0 to 10,000 Ohms
0 to 5,000 Ohms
Maximum Over-Range
44 K (40 K Ohms range)
22 K (20 K Ohms range)
11 K (10 K Ohms range)
5.5 K (5 K Ohms range)
Resolution
1.6 Ohm @ 40 K Ohms
0.8 Ohm @ 20 K Ohms
0.4 Ohm @ 10 K Ohms
0.2 Ohm @ 5 K Ohms
Input Filtering
-3 dB @ 3.2 Hz
Data Freshness (Max)
100 (40 K Ohms)
200 (20 K Ohms)
400 (10 K Ohms)
800 (5 K Ohms)
DC Common Mode Rejec-
tion
>-120 dB
AC Common Mode Rejec-
tion
>-120 dB @ 60 Hz
Maximum Operating Com-
mon Mode Voltage
250 V
Accuracy
0.1% ± 40 Ohms @ 40 K Ohms
0.1% ± 20 Ohms @ 20 K Ohms
0.1% ± 10 Ohms @ 10 K Ohms
0.1% ± 5 Ohms @ 5 K Ohms
DRIFT: Gain Temperature
Coefficient
30 PPM/ °C
DRIFT: Offset Tempera-
ture Coefficient
15 PPM/ °C
Isolation
1500 V
Power Requirements
5 VDC (±0.15 ) @ 190 mA
Operating Temperature
0 °C to 70 °C
Storage Temperature
-40 °C to 85 °C
Wire size
22 to 14 AWG
Torque, hold-down screws
4 in-lb (0.45 N-m)
Torque, connector screws
5.26 in-lb (0.6 N-m)
Agency Approvals
UL, FM, CE, RoHS, DFARS
Warranty
Lifetime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com