Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 20 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 20 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 16Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 17Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 18Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 19Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 20Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 21Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 22Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 23Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 24Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
20
ICTD Temperature Input Module, Two or Four Channels
Description
SNAP-AICTD and SNAP-AICTD-4 modules provide
temperature input data from any industry-standard Integrated
Circuit Temperature Device (ICTD). The SNAP-AICTD has two
channels, and the SNAP-AICTD-4 has four channels. See the
table on page 3 for I/O processor compatibility.
The simple two-wire connections are made to the pluggable
terminal strip on top of the module. Up to 2,000 feet of
ordinary hook-up wire is used to connect the sensor to the
input terminal strip.
Both modules are compatible with all industry-standard ICTD
probes, including the AD-590 family from Analog Devices and
Opto 22’s part number ICTD.
Specifications
SNAP-AICTD (Two channels)
Four-channel module wiring is shown on the next page.
IMPORTANT: The mounting rack connector has 24 pins; the
module connector has 20 pins. The extra pins on the
mounting rack connector prevent misalignment of the
module during installation.
Part Number
Description
SNAP-AICTD
Two-channel analog temperature input,
ICTD
SNAP-AICTD-4
Four-channel analog temperature input,
ICTD
Input Range with ICTD
Probe
-40 °C to +100 °C
Module Input Range
Zero Scale
Full Scale
-273 °C
+150 °C
Resolution
0.017 °C
Accuracy with ICTD Probe
±0.8 °C
Sensitivity
1.0 microamps/ °C
Data Freshness (Max)
167 ms (2-channel module)
355 ms (4-channel module)
DC Common Mode Rejec-
tion
>-120 dB
AC Common Mode Rejec-
tion
>-120 dB @ 60 Hz
Maximum Operating Com-
mon Mode Voltage
250 V
Isolation
1500 V
Power Requirements
5 VDC (± .015 ) @ 150 mA
Operating Temperature
0 °C to 70 °C
Storage Temperature
-40 °C to 85 °C
Wire size
22 to 14 AWG
Torque, hold-down screws
4 in-lb (0.45 N-m)
Torque, connector screws
5.26 in-lb (0.6 N-m)
Agency Approvals
UL, FM, CE, RoHS, DFARS
Warranty
Lifetime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com