Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 1 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 1 Page - Opto Electronics Co,. LTD

  SNAP-AIARMS Datasheet HTML 1Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 2Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 3Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 4Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 5Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 6Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 7Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 8Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 9Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
1
Features
Resolution = 0.004% of nominal range
Two, 4, 8, or 32 single-ended inputs per module
Out-of-range indication
Factory calibrated; no user adjustment necessary
Description
SNAP I/O analog input modules are part of
Opto 22’s SNAP PAC System. All of these
modules mount on a SNAP PAC rack with a
SNAP PAC brain or R-series controller, either
a standard wired model or a
Wired+Wireless™ model.
A minimum number of SNAP module types
support a full range of analog input
requirements. These software-configurable
modules handle a wide variety of signal
levels. They provide high resolution (0.004%
of nominal range) for precise signal levels, as
well as multiple-channel packaging. All
SNAP analog modules are factory calibrated
and individually tested. Part numbers
ending in -FM are Factory Mutual approved.
SNAP analog input modules have an on-
board microprocessor to provide module-
level intelligence, which makes them an
ideal choice for Original Equipment
Manufacturers (OEMs). For additional
information about the standalone operation
of SNAP analog modules, see Opto 22 form
#0876, SNAP I/O Module Integration Guide.
Notes for legacy hardware: Some of these
modules also work with older Opto 22 I/O
processors (brains or on-the-rack
controllers) and M-series or B-series racks. To
check processor compatibility, see the table
on page 3.
Specifications begin on page 4. For
dimensional drawings, see pages 35–45.
IMPORTANT: Any system using analog
sensors and input modules should be
calibrated annually for analog signals. For
I/O units on a SNAP PAC System, use the PAC
Control™ commands “Calculate and Set
Offset” and “Calculate and Set Gain.” For
other Ethernet-based I/O units, you can also
SNAP Analog Input Modules
Part Number
Part
Description
See
page
SNAP-AIARMS
2-channel 0 to 10 amp RMS AC/DC input
4
SNAP-AIMA
2-channel analog current input, -20 to +20 mA
6
SNAP-AIMA-4
4-channel analog current input -20 to +20 mA
6
SNAP-AIMA-8
8-channel analog current input -20 to +20 mA
8
SNAP-AIMA-32
SNAP-AIMA-32-FM*
32-channel analog current input -20 to +20 mA
9
SNAP-AIRATE
2-channel 0–25,000 Hz analog rate input
11
SNAP-AIR40K-4
4-channel analog resistor/thermistor input, 40 K Ohms,
20 K Ohms, 10 K Ohms, or 5 K Ohms
13
SNAP-AIR400K-8
8-channel analog resistor/thermistor input, 400 K Ohms
14
SNAP-AIRTD-1K
2-channel 1000 ohm platinum RTD input
18
SNAP-AIRTD
2-channel 100 ohm platinum RTD input
18
SNAP-AIRTD-10
2-channel 10 ohm copper RTD input
18
SNAP-AICTD
2-channel analog temperature input, ICTD
20
SNAP-AICTD-4
4-channel analog temperature input, ICTD
20
SNAP-AICTD-8
8-channel analog temperature input, ICTD
22
SNAP-AITM
2-channel analog type E, J, or K thermocouple or -150
to +150 mV input or -75 to +75 mV input
23
SNAP-AITM-2
2-channel analog type B, C, D, G, N, T, R, or S thermo-
couple or -50 to +50 mV DC or -25 to +25 mV DC input
24
SNAP-AITM-8
SNAP-AITM-8-FM*
8-channel B, C, D, E, G, J, K, N, R, S, or T thermocou-
ple or -75 to +75 mV, -50 to +50 mV, or -25 to +25 mV
input
25
SNAP-AIVRMS
2-channel 0 to 250 V RMS AC/DC input
26
SNAP-AIV
2-channel analog voltage input -10 to +10 VDC or -5 to
+5 VDC
27
SNAP-AIV-4
4-channel analog voltage input -10 to +10 VDC or -5 to
+5 VDC
27
SNAP-AIV-8
8-channel analog voltage input -10 to +10 VDC or -5 to
+5 VDC
29
SNAP-AIV-32
SNAP-AIV-32-FM*
32-channel analog voltage input -10 to +10 VDC or -5
to +5 VDC
30
SNAP-AIMV2-4
4-channel -50 to +50 mV input or -25 to +25 mV input
32
SNAP-AIMV-4
4-channel -150 to +150 mV input or -75 to +75 mV
input
33
* Factory Mutual approved


Similar Part No. - SNAP-AIARMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNAP-AIMA-HDB ETC2-SNAP-AIMA-HDB Datasheet
1Mb / 29P
SNAP TEX Cables and Breakout Boards
SNAP-AIMA-HDB-FM* ETC2-SNAP-AIMA-HDB-FM* Datasheet
1Mb / 29P
SNAP TEX Cables and Breakout Boards
SNAP-AIV-HDB ETC2-SNAP-AIV-HDB Datasheet
1Mb / 29P
SNAP TEX Cables and Breakout Boards
SNAP-AIV-HDB-FM* ETC2-SNAP-AIV-HDB-FM* Datasheet
1Mb / 29P
SNAP TEX Cables and Breakout Boards
More results

Similar Description - SNAP-AIARMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DI-8B32 ETC1-DI-8B32 Datasheet
333Kb / 2P
Analog Current Input Modules
logo
Grayhill, Inc
73G-II020 GRAYHILL-73G-II020 Datasheet
121Kb / 2P
Analog Current Input Modules
73G-IV1 GRAYHILL-73G-IV1 Datasheet
121Kb / 3P
Analog Voltage Input Modules
logo
Advantech Co., Ltd.
ADAM-4018 ADVANTECH-ADAM-4018 Datasheet
83Kb / 1P
8-ch Analog Input Modules with Modbus
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
C Series Analog Input Modules
FP-AI-100 NI-FP-AI-100 Datasheet
619Kb / 4P
Analog Input Modules for Compact FieldPoint and FieldPoint
logo
List of Unclassifed Man...
ND-6013 ETC2-ND-6013 Datasheet
299Kb / 1P
Analog Modules
logo
National Instruments Co...
NISCXI-1120 NI-NISCXI-1120 Datasheet
91Kb / 7P
SCXI 8-Channel Isolated Analog Input Modules
logo
Opto Electronics Co,. L...
ID-22-50 E-OEC-ID-22-50 Datasheet
119Kb / 4P
SNAP Digital Input Modules
SNAP-AOV-27 E-OEC-SNAP-AOV-27 Datasheet
383Kb / 15P
SNAP Analog Output Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com