Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 15 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 15 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 11Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 12Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 13Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 14Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 15Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 16Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 17Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 18Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 19Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
15
Thermistor Input Module 0–400 K (continued)
Specifications
Input Ranges
400 K, 200 K, 100 K, 50 K, 40 K, 20 K, 10 K, 5 K , 4 K, 2 K, 1 K, 500
Ohms, and Autorange
Fixed Range Overrange Limits
(Ohms Resolution)
440 K (16), 220 K (8), 110 K (4), 55 K (2), 44 K (1.6), 22 K (0.8), 11 K
(0.4), 5.5 K (0.2), 4.4 K (0.16), 2.2 K (0.08), 1.1 K (0.04), 550 (0.02)
Data Freshness
1.61 seconds maximum
DSP Notch Filter
20 Hz (- 3DB = 5.24 Hz)
Excitation Current Nominal (Range & Load
Watts Dissipation)
9uA (50 K–4.1 uW), (100 K–8.1 uW), (200 K–16 uW), (400 K–32 uW)
90uA (5 K–40 uW), (10 K–81 uW), (20 K–160 uW), (40 K–320 uW)
200uA (500 K–20 uW), (1 K–40 uW), (2 K–80 uW), (4 K–160 uW)
Autorange Step Time
1.6 seconds to next higher or lower range
>= 10 seconds for a 500 Ohms to 400 K Ohms step change
Autorange Ohms Hysteresis
Ranges
Ohms
Open > 440K
20K
between 200K & 400K
10K
between 100K & 200K
5K
between 50K & 100K
19K
between 40K & 50K
2K
between 20K & 40K
1K
between 10K & 20K
500
between 5K & 10K
1.9K
between 4K & 5K
200
between 2K & 4K
100
between 1K & 2K
50
between 500 & 1K
DC Common Mode Rejection
>-120 dB
AC Common Mode Rejection
>-120 dB @ 60 Hz
Open Resistor Indicator
Channel resistence = 999,999.999
PAC Control Reads
temperature reading or -32768 Ohms if over or under range
Maximum Operating Common Mode Voltage
(Field Term to Logic Connector)
500 VDC or peak VAC
Accuracy
(Ohms @ Range)
0.1% Reading
+ 2x Range Resolution
+ 1 Ohm
4 Ohms @ 4 K
2 Ohms @ 2 K
1 Ohms @ 1 K
0.5 Ohms @ 500
40 Ohms @ 40 K
20 Ohms @ 20 K
10 Ohms @ 10 K
5 Ohms @ 5 K
400 Ohms @ 400 K
200 Ohms @ 200 K
100 Ohms @ 100 K
0 Ohms @ 50 K
Drift
Gain Tempco
Offset Tempco
30 PPM / °C
15 PPM / °C
Power Requirements
5 VDC (±0.15 ) @ 190 mA
Operating Temperature
0 °C to 70 °C
Storage Temperature
-40 °C to 85 °C
Torque, hold-down screws
4 in-lb (0.45 N-m)
Torque, connector screws
5.26 in-lb (0.6 N-m)
Agency Approvals
UL (pending), CE (pending)
Warranty
Lifetime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com