Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 22 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 22 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 18Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 19Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 20Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 21Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 22Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 23Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 24Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 25Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 26Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
22
ICTD Temperature Input Module, Eight Channels
Description
The SNAP-AICTD-8 module provides temperature input data
from any industry-standard Integrated Circuit Temperature
Device (ICTD). It has eight channels of input. The SNAP-AICTD-
8 can be used only with SNAP PAC brains and rack-mounted
controllers (standard wired and Wired+Wireless models).
The simple two-wire connections are made to the terminal
strip on top of the module. Up to 2,000 feet of ordinary hook-
up wire is used to connect the sensor to the input terminal
strip.
The module is compatible with all industry-standard ICTD
probes, including the AD-590 family from Analog Devices and
Opto 22’s part number ICTD.
Specifications
SNAP-AICTD-8
CH 2
CH 1
CH 0
CH 3
12
3
4
5
6
7
8
CH 6
CH 5
CH 4
CH 7
12
3
4
5
6
7
8
ICTD Source
NOTE: Terminals 2, 4, 6, and 8 on both
connectors are connected internally.
1 2 3
4 5 6
7 8 1
2 3
4 5 6
7 8
Part Number
Description
SNAP-AICTD-8
Eight-channel analog temperature input,
ICTD
Input Range with ICTD Probe
-40 °C to +100 °C
Module Input Range
Zero Scale
Full Scale
-273 °C
+150 °C
Data Freshness (Max)
0.28 seconds
Resolution
0.017 °C
Accuracy with ICTD Probe
±0.8 °C
Sensitivity
1.0 mA/ °C
DC Common Mode Rejection
>-120 dB
AC Common Mode Rejection
>-120 dB @ 60 Hz
Maximum Operating Common
Mode Voltage
250 V
Isolation
1500 V
Power Requirements
5 VDC (± .015 ) @ 170 mA
Operating Temperature
0 °C to 70 °C
Storage Temperature
-40 °C to 85 °C
Torque, hold-down screws
4 in-lb (0.45 N-m)
Torque, connector screws
1.7 in-lb (0.19 N-m)
Agency Approvals
CE, RoHS, DFARS
Warranty
Lifetime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com