Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 24 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 24 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 20Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 21Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 22Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 23Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 24Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 25Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 26Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 27Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 28Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
24
Thermocouple/Millivolt Input Module
Specifications
Part Number
Description
SNAP-AITM-2
Two-channel analog type B, C, D, G, N, T, R, or S
thermocouple or -50 mV to +50 mVDC input
or -25 mV to +25 mVDC input
Input Range
From -50 mV to +50 mVDC
From -25 mV to +25 mVDC
Over-range Limits
From -55 to +55 mV
(+/-50 mV range)
From -27.5 to +27.5 mV
(+/-25 mV range)
Resolution
2 microvolts from -50 mV to +50 mV
1 microvolts from -25 mV to +25 mV
Cold Junction Temperature
Compensation
Automatic when used with SNAP
brains
Input Filtering
-3 dB @ 2.4 Hz
Input Response Time
(% of span/delta V/delta
time)
63.2%/31.5 mV/66 ms
Data Freshness (Max)
167 ms (+/- 50 mV)
334 ms (+/- 25 mV)
DC Common Mode Rejection >-120 dB
AC Common Mode Rejection >-120 dB @ 60 Hz
Maximum Survivable Input
±15 volts
Maximum Operating Com-
mon Mode Voltage
250 V
Accuracy at Full Scale
0.1% (50 microvolts) @ 50 mV
0.2% (50 microvolts) @ 25 mV
Drift: Gain Temperature
Coefficient
5 microvolts / °C
Drift: Offset Temperature
Coefficient
2 microvolts / °C
Thermocouple Accuracy [°C]
B, R, S
C, D, G
T, N
From factory
±5
±4
±3
After user gain and offset
commands
±3
±2
±2
Isolation
1500 V
Power Requirements
5 VDC (±0.15 ) @ 170 mA
Input Resistance
100 Megohms (each channel)
Ambient Temperature:
Operating
Storage
0 °C to 70 °C
-40 °C to 85 °C
Agency Approvals
FM, CE, RoHS, DFARS
Torque, hold-down screws
4 in-lb (0.45 N-m)
Torque, connector screws
3 in-lb (0.34 N-m)
Warranty
Lifetime
Thermocouple Polarity and Range
Type
-
+
Range
B
RED
GRAY
+42° C to +1,820 °C
C, D, G
RED
WHITE
0° C to +2,320 °C
N
RED
ORANGE -270° C to +1,300 °C
R, S
RED
BLACK
-50° C to +1,768 °C
T
RED
BLUE
-270° C to +400 °C
SNAP-AITM-2
IMPORTANT: The mounting rack connector has 24 pins; the
module connector has 20 pins. The extra pins on the
mounting rack connector prevent misalignment of the
module during installation.
Description
The SNAP-AITM-2 module provides an input range of ±50
mV, ±25 mV, or Type B, C, D, G, N, T, R, or S thermocouple.
Since both inputs share the same reference terminal, use
isolated probes for thermocouple inputs. If you need
isolated channels on the same module, see Opto 22 form
#1182.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com