Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 16 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 16 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 12Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 13Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 14Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 15Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 16Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 17Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 18Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 19Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 20Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
16
Thermistor Input Module 0–400 K (continued)
Auto-range Curves
The following table shows temperatures in °C and °F that
correlate with resistance values in Ohms for the generic curve
types for four popular thermistors using the Steinhart-Hart
equation. Choose the curve type for your application in
PAC Control or PAC Manager when you configure a SNAP-
AIR400K-8 module.
Choose a 2-wire thermistor value with a resistance over the
target temperature range that is much larger than the lead
resistance for your application
Lower value curves (2252 or 3K) work best at cooler
temperatures (< 25 °C or 77 °F) because long lead wire
resistance can add significant errors to the measurement.
SNAP-AIR400K-8 Auto-range Curves Table
2252 curve
3K curve
10K type 3 curve
10K type 2 curve
Temp °C
Temp °F
Resistance (Ohms)
-40
-40
75,769.0
100,935.0
239,686.0
336,450.0
-35
-31
54,647.0
72,798.0
179,200.0
242,660.0
-30
-22
39,851.0
53,088.0
135,185.0
176,960.0
-25
-13
29,368.0
39,123.0
102,861.0
130,410.0
-20
-4
21,861.0
29,122.0
78,913.0
97,072.0
-15
5
16,429.0
21,885.0
61,020.0
72,951.0
-10
14
12,459.0
16,598.0
47,543.0
55,326.0
-5
23
9,532.0
12,698.0
37,313.0
42,326.0
0
32
7,353.0
9,795.0
29,490.0
32,650.0
5
41
5,718.0
7,617.0
23,457.0
25,391.0
10
50
4,481.0
5,970.0
18,780.0
19,899.0
15
59
3,538.0
4,713.0
15,130.0
15,711.0
20
68
2,813.0
3,748.0
12,263.0
12,492.0
25
77
2,252.0
3,000.0
10,000.0
10,000.0
30
86
1,814.0
2,417.0
8,194.0
8,057.0
35
95
1,471.0
1,959.0
6,752.0
6,531.0
40
104
1,200.0
1,598.0
5,592.0
5,326.0
45
113
983.8
1,311.0
4,655.0
4,368.0
50
122
811.2
1,081.0
3,893.0
3,602.0
55
131
672.5
895.8
3,271.0
2,986.0
60
140
560.3
746.3
2,760.0
2,488.0
65
149
469.0
624.8
2,339.0
2,083.0
70
158
394.5
525.5
1,990.0
1,752.0
75
167
333.1
443.8
1,700.0
1,479.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com