Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-AIARMS Datasheet(PDF) 26 Page - Opto Electronics Co,. LTD

Part # SNAP-AIARMS
Description  SNAP Analog Input Modules
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIARMS Datasheet(HTML) 26 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIARMS Datasheet HTML 22Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 23Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 24Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 25Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 26Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 27Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 28Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 29Page - Opto Electronics Co,. LTD SNAP-AIARMS Datasheet HTML 30Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
26
0 to 250 Volt RMS AC/DC Input Module
Description
The SNAP-AIVRMS module provides an input range of 0 to 250
volts AC or DC. The SNAP-AIVRMS module may be used to
monitor 120/240-volt AC/DC and 12/24/48-volt AC/DC
system voltage.
Terminals 3, 4, 7, and 8 share a common connection inside the
module. Make sure you observe polarity when connecting the
second channel. To avoid a potentially hazardous short,
double-check wiring before turning on the voltage to be
monitored.
If you need a module with channel-to-channel isolation, see
form #1182, the SNAP Isolated Analog Input Modules Data
Sheet.
Specifications
SNAP-AIVRMS
Part Number
Description
SNAP-AIVRMS
Two-channel 0 to 250 V RMS AC/DC input
Input Range
0 to 250 V RMS AC/DC
Input Over-Range
To 275 V
Input Resistance
1 M ohms
Accuracy
±0.2 V and ±0.2% reading
Resolution
10 mV
DC Reversal
± 0.4 V (.16%)
Input Response Time
(Step Change)
5% (12.5 V) in 100 mS
63.2% (158 V) in 200 mS
99% (248 V) in 1200 mS
Data Freshness (Max)
32.3 ms
DC Common Mode Rejection
>-120 dB
AC Common Mode Rejection
>-120 dB @ 60 Hz
Maximum Operating
Common Mode Voltage
250 V
Isolation
1500 V
Power Requirements
5 VDC (±0.15 V) at 170 mA
Operating Temperature
0 °C to 70 °C
Storage Temperature
-40 °C to 85 °C
Wire size
22 to 14 AWG
Torque, hold-down screws
4 in-lb (0.45 N-m)
Torque, connector screws
5.26 in-lb (0.6 N-m)
Agency Approvals
UL, FM, CE, RoHS, DFARS
Warranty
Lifetime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com