Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 32 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 28Page - Analog Devices ADE7754_15 Datasheet HTML 29Page - Analog Devices ADE7754_15 Datasheet HTML 30Page - Analog Devices ADE7754_15 Datasheet HTML 31Page - Analog Devices ADE7754_15 Datasheet HTML 32Page - Analog Devices ADE7754_15 Datasheet HTML 33Page - Analog Devices ADE7754_15 Datasheet HTML 34Page - Analog Devices ADE7754_15 Datasheet HTML 35Page - Analog Devices ADE7754_15 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
REV. 0
–32–
ADE7754
Table VIII. Register List
Address
Default
[A5:A0]
Name
R/W
*
Length
Value
Description
00h
Reserved
Reserved.
01h
AENERGY
R
24
0
Active Energy Register. Active power is accumulated over time in an inter-
nal register. The AENERGY register is a read-only register that reads this
internal register and can hold a minimum of 88 seconds of active energy
information with full-scale analog inputs before it overflows. See the Energy
Calculation section. Bits 7 to 3 of the WATMODE register determine how
the active energy is processed from the six analog inputs. See Table XIV.
02h
RAENERGY
R
24
0
Same as the AENERGY register, except that the internal register is reset
to 0 following a read operation.
03h
LAENERGY
R
24
0
Line Accumulation Active Energy Register. The instantaneous active power is
accumulated in this read-only register over the LINCYC number of half line
cycles. Bits 2 to 0 of the WATMODE register determine how the line accumu-
lation active energy is processed from the six analog inputs. See Table XIV.
04h
VAENERGY
R
24
0
VA Energy Register. Apparent power is accumulated over time in this
read-only register. Bits 7 to 3 of the VAMODE register determine how the
apparent energy is processed from the six analog inputs. See Table XV.
05h
RVAENERGY
R
24
0
Same as the VAENERGY register except that the register is reset to 0
following a read operation.
06h
LVAENERGY
R
24
0
Apparent Energy Register. The instantaneous apparent power is accu-
mulated in this read-only register over the LINCYC number of half line
cycles. Bits 2 to 0 of the VAMODE register determine how the apparent
energy is processed from the six analog inputs. See Table XV.
07h
PERIOD
R
15
0
Period of the line input estimated by zero-crossing processing. Data Bit 0
and 1 and 4 to 6 of the MMODE register determine the voltage channel
used for period calculation. See Table XII.
08h
TEMP
R
8
0
Temperature Register. This register contains the result of the latest
temperature conversion. Refer to the Temperature Measurement section
for details on how to interpret the content of this register.
09h
WFORM
R
24
0
Waveform Register. This register contains the digitized waveform of one
of the six analog inputs. The source is selected by Data Bits 0 to 2 in the
WAVMode register. See Table XIII.
0Ah
OPMODE
R/W
8
4
Operational Mode Register. This register defines the general configuration
of the ADE7754. See Table IX.
0Bh
MMODE
R/W
8
70h
Measurement Mode Register. This register defines the channel used for
period and peak detection measurements. See Table XII.
0Ch
WAVMODE
R/W
8
0
Waveform mode register. This register defines the channel and sampling
frequency used in waveform sampling mode. See Table XIII.
0Dh
WATMODE
R/W
8
3Fh
This register configures the formula applied for the active energy and
line active energy measurements. See Table XIV.
0Eh
VAMODE
R/W
8
3Fh
This register configures the formula applied for the apparent energy and
line apparent energy measurements. See Table XV.
0Fh
IRQEN
R/W
16
0
IRQ Enable Register. It determines whether an interrupt event will
generate an active low output at IRQ pin. See Table XVI.
10h
STATUS
R
16
0
IRQ Status Register. This register contains information regarding the
source of ADE7754 interrupts. See Table XVII.
11h
RSTATUS
R
16
0
Same as the status register, except that its contents are reset to 0 (all
flags cleared) after a read operation.
12h
ZXTOUT
R/W
16
FFFFh
Zero Cross Timeout Register. If no zero crossing is detected within a
time period specified by this register, the interrupt request line (IRQ)
will go active low for the corresponding line voltage. The maximum
timeout period is 2.3 seconds. See the Zero-Crossing Detection section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com