Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 36 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 32Page - Analog Devices ADE7754_15 Datasheet HTML 33Page - Analog Devices ADE7754_15 Datasheet HTML 34Page - Analog Devices ADE7754_15 Datasheet HTML 35Page - Analog Devices ADE7754_15 Datasheet HTML 36Page - Analog Devices ADE7754_15 Datasheet HTML 37Page - Analog Devices ADE7754_15 Datasheet HTML 38Page - Analog Devices ADE7754_15 Datasheet HTML 39Page - Analog Devices ADE7754_15 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
REV. 0
–36–
ADE7754
Gain Register (18h)
The gain of the analog inputs and the mode of accumulation of the active energies in the ADE7754 are defined by writing to the gain
register. Table X summarizes the functionality of each bit in the gain register.
Table X. GAIN Register
Bit
Bit
Default
Location
Mnemonic
Value
Description
0-1
PGA1
0
These bits are used to select the gain of the current channels inputs.
Bit 1
Bit 0
00
PGA1 = 1
01
PGA1 = 2
10
PGA1 = 4
00
Reserved
2
ABS
0
The sum of the absolute active energies is done in the ANERGY and LAENERGY registers
when this bit is set to Logic 1. The regular sum is done when this bit is set to Logic 0—
default mode.
3
NO LOAD
0The active energy of each phase is not accumulated in the total active energy registers if the
instantaneous active power is lower than the no-load threshold when this bit is set to Logic 0;
this mode is selected by default.
4
RESERVED
This is intended for factory testing only and should be left at 0.
5-6
PGA2
0
These bits are used to select the gain of the voltage channels inputs.
Bit 6
Bit 5
00
PGA2 = 1
01
PGA2 = 2
10
PGA2 = 4
00
Reserved
7
RESERVED
This is intended for factory testing only and should be left at 0.
CFNUM Register (25h)
The CF scaling numerator and the sign of the active energy per phase are defined by writing/reading to the CFNUM register.
Table XI summarizes the functionality of each bit in the CFNUM register.
Table XI. CFNUM Register
Bit
Bit
Default
Location
Mnemonic
Value
Description
0-Bh
CFN
0
CF Scaling Numerator Register. The content of this register is used in the numerator of CF
output scaling.
Ch
NEGA
0
The sign of the Phase A instantaneous active power is available in this bit. Logic 0 and Logic 1
correspond to positive and negative active power, respectively. The functionality of this bit is
enabled by setting Bit 5 of the WATMode register to Logic 1. When disabled, NEGA is equal
to its default value.
Dh
NEGB
0
The sign of the Phase B instantaneous active power is available in this bit. Logic 0 and Logic 1
correspond to positive and negative active power, respectively. The functionality of this bit is
enabled by setting Bit 4 of the WATMode register to Logic 1. When disabled, NEGB is equal
to its default value.
Eh
NEGC
0
The sign of the Phase C instantaneous active power is available in this bit. Logic 0 and Logic 1
correspond to positive and negative active power, respectively. The functionality of this bit is
enabled by setting Bit 3 of the WATMode register to Logic 1. When disabled, NEGC is equal
o its default value.
Fh
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com