Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 5 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 5 Page - Analog Devices

  ADE7754_15 Datasheet HTML 1Page - Analog Devices ADE7754_15 Datasheet HTML 2Page - Analog Devices ADE7754_15 Datasheet HTML 3Page - Analog Devices ADE7754_15 Datasheet HTML 4Page - Analog Devices ADE7754_15 Datasheet HTML 5Page - Analog Devices ADE7754_15 Datasheet HTML 6Page - Analog Devices ADE7754_15 Datasheet HTML 7Page - Analog Devices ADE7754_15 Datasheet HTML 8Page - Analog Devices ADE7754_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
REV. 0
ADE7754
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADE7754 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
(TA = +25
°C, unless otherwise noted.)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to AVDD . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Analog Input Voltage to AGND
IAP, IAN, IBP, IBN, ICP, ICN, VAP, VBP, VCP, VN . . –6 V to +6 V
Reference Input Voltage to AGND . –0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND . . . –0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND . . –0.3 V to DVDD + 0.3 V
Operating Temperature Range
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
ADE7754
REFIN/OUT
AGND
ICN
ICP
IBN
CF
DGND
DVDD
AVDD
IBP
IAN
IAP
VN
VCP
VBP
VAP
RESET
DOUT
SCLK
DIN
CS
IRQ
CLKIN
CLKOUT
ORDERING GUIDE
Model
Package Description
Package Option
*
ADE7754AR
24-Lead SOIC
RW-24
ADE7754ARRL
24-Lead SOIC
RW-24 in Reel
EVAL-ADE7754EB
ADE7754 Evaluation Board
*RW = Small Outline (Wide Body Package in Tubes)
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
24-Lead SOIC, Power Dissipation . . . . . . . . . . . . . . . 88 mW
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . . . 53
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1CFCalibration Frequency Logic Output. This pin provides active power information. This output
is intended to be used for operational and calibration purposes. The full-scale output frequency
can be scaled by writing to the CFNUM and CFDEN registers. See the Energy to Frequency
Conversion section.
2
DGND
This pin provides the ground reference for the digital circuitry in the ADE7754 (i.e. multiplier, filters,
and a digital-to-frequency converter). Because the digital return currents in the ADE7754 are small,
this pin can be connected to the analog ground plane of the whole system. However high bus
capacitance on the DOUT pin may result in noisy digital current, which could affect performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com