Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 38 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 34Page - Analog Devices ADE7754_15 Datasheet HTML 35Page - Analog Devices ADE7754_15 Datasheet HTML 36Page - Analog Devices ADE7754_15 Datasheet HTML 37Page - Analog Devices ADE7754_15 Datasheet HTML 38Page - Analog Devices ADE7754_15 Datasheet HTML 39Page - Analog Devices ADE7754_15 Datasheet HTML 40Page - Analog Devices ADE7754_15 Datasheet HTML 41Page - Analog Devices ADE7754_15 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
REV. 0
–38–
ADE7754
Watt Mode Register (0Dh)
The phases involved in the active energy measurement of the ADE7754 are defined by writing to the WATMODE register. Table XIV
summarizes the functionality of each bit in the WATMODE register.
Table XIV. WATMODE Register
Bit
Bit
Default
Location
Mnemonic
Value
Description
0-2
LWATSEL
7
These bits are used to select each part of the formula separately, depending on the line active
energy measurement method. The behavior of these bits is the same as WATSEL bits. Bit 2
selects the first term of the formula and so on.
3-5
WATSEL
7
These bits are used to select each part of the formula separately, depending on the active
energy measurement method. These bits are also used to enable the negative power detection
available in Bits 12 to 14 of CFNUM register. See Table XI. Setting Bit 5 to Logic 1 selects
the first term of the formula (VA
IA or VA
(IA – IB)). Setting Bit 4 to Logic 1 selects the
second term of the formula (VB
IB or 0 depending on WATMOD configuration). Setting
Bit 3 to Logic 1 selects the last term of the formula (VC
IC or VC
(IC – IB)). Any combi-
nation of these bits can address calibration and operational needs.
6-7
WATM
0
These bits are used to select the formula used for active energy calculation.
WATM1
WAVM0
Active Energy Calculation
00
VA
IA + VB
IB + VC
IC
01
VA
(IA – IB) + 0 + VC
(IC – IB)
10
VA
(IA – IB) + 0 + VC
IC
11
Reserved.
VA Mode Register (0Eh)
The phases involved in the apparent energy measurement of the ADE7754 are defined by writing to the VAMODE register. Table XV
summarizes the functionality of each bit in the VAMODE register.
Table XV. VAMODE Register
Bit
Bit
Default
Location
Mnemonic
Value
Description
0-2
LVASEL
7
These bits are used to select each part of the formula separately, depending on the line appar-
ent energy measurement method. The behavior of these bits is the same as VASEL bits. Bit 2
selects the first term of the formula, and so on.
3-5
VASEL
7
These bits are used to select separately each part of the formula, depending on the apparent
energy measurement method. Setting Bit 5 to Logic 1 selects the first term of the formula
(VArms
IArms). Setting Bit 4 to Logic 1 selects the second term of the formula (VBrms
IBrms
or (VArms+VCrms)/2
IBrms or VArms
IBrms depending on VAMOD configuration). Setting
Bit 3 to Logic 1 selects the first term of the formula (VCrms
ICrms). Any combination of these
bits can address calibration and operational needs.
6-7
VAMOD
0
These bits are used to select the formula used for active energy calculation.
VAMOD1
VAMOD0
Apparent Energy Calculation
00
VArms
IArms + VBrms
IBrms + VCrms
ICrms
01
VArms
IArms + (VArms + VCrms)/2
IBrms + VCrms
ICrms
10
VArms
IArms + VArms
IBrms + VCrms
ICrms
11
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com