Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 8 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 4Page - Analog Devices ADE7754_15 Datasheet HTML 5Page - Analog Devices ADE7754_15 Datasheet HTML 6Page - Analog Devices ADE7754_15 Datasheet HTML 7Page - Analog Devices ADE7754_15 Datasheet HTML 8Page - Analog Devices ADE7754_15 Datasheet HTML 9Page - Analog Devices ADE7754_15 Datasheet HTML 10Page - Analog Devices ADE7754_15 Datasheet HTML 11Page - Analog Devices ADE7754_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
REV. 0
–8–
ADE7754
FREQUENCY (Hz)
1.00
0.00
–1.00
45
50
55
60
65
–0.80
–0.60
–0.40
–0.20
0.20
0.40
0.60
0.80
GAIN = 1
INTERNAL REFERENCE
PF = 1
PF = 0.5
TPC 7. Real Power Error as a Percentage of Read-
ing over Input Frequency with Internal Reference
0.20
–0.20
0.01
0.1
1
10
100
–0.16
–0.12
–0.08
–0.04
0.04
0.00
0.08
0.12
0.16
4.75V
5.25V
5V
CURRENT INPUT (% fs)
GAIN = 1
PF = 1
EXTERNAL REFERENCE
TPC 8. Real Power Error as a Percentage of Read-
ing over Power Supply with External Reference
(Gain = 1)
–0.20
0.01
0.1
1
CURRENT INPUT (% fs)
10
100
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
GAIN = 1
PF = 1
INTERNAL REFERENCE
4.75V
5.25V
5V
TPC 9. Real Power Error as a Percentage of Reading
over Power Supply with Internal Reference (Gain = 1)
AVDD DVDD RESET
17
REFIN/OUT
33nF
1k
100nF
33nF
1k
10 F
VDD
VN AGND DGND
DOUT
SCLK
CF
CLKOUT
CLKIN
CS
DIN
IRQ
10MHz
22pF
22pF
PS2501-1
ADE7754
13
1
TO FREQ.
COUNTER
19
20
IAP
IAN
IBP
IBN
ICP
ICN
21
22
18
RB
SAME AS
IAP, IAN
9
10
SAME AS
IAP, IAN
16
15
14
SAME AS VAP
SAME AS VAP
100nF
10 F
12
VAP
VBP
VCP
33nF
1k
1M
220V
33nF
1k
825
I
TO SPI BUS
ONLY USED FOR
CALIBRATION
TPC 10. Test Circuit for Performance Curves
CH_I PhA OFFSET (mV)
0
–20
3
6
9
12
15
18
21
24
–15
–10
–5
0
5
10
15
20
N = 116
MEAN = 4.33955
SD = 3.13475
LIMITS: LOW = –19, HIGH = +19
MIN = –2.21937
MAX = +14.7485
RANGE = 16.9669
TPC 11. Current Channel Offset Distribution (Gain = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com