Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 23 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 19Page - Analog Devices ADE7754_15 Datasheet HTML 20Page - Analog Devices ADE7754_15 Datasheet HTML 21Page - Analog Devices ADE7754_15 Datasheet HTML 22Page - Analog Devices ADE7754_15 Datasheet HTML 23Page - Analog Devices ADE7754_15 Datasheet HTML 24Page - Analog Devices ADE7754_15 Datasheet HTML 25Page - Analog Devices ADE7754_15 Datasheet HTML 26Page - Analog Devices ADE7754_15 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
REV. 0
ADE7754
–23–
Thus the
IRQ line can also be used to signal the end of a cali-
bration. Equation 14 is derived from Equations 8 and 12.
Et
VI dt
VI
f
ftdt
nT
nT
()
–
cos
= ∫
+ 


×
()
∫
0
2
0
1
8
2
π
(14)
where n is an integer and T is the line cycle period. Since the
sinusoidal component is integrated over an integer number of
line cycles, its value is always zero.
Therefore,
Et
VI dt
nT
()
=+
∫
0
0
(15)
Et
VInT
()
=
(16)
The total active power calculated by the ADE7754 in the line
accumulation mode depends on the configuration of the
WATMOD bits in the WATMode register. Each term of the
formula can be disabled or enabled by the LWATSEL bits of
the WATMode register. The different configurations are
described in Table III.
Table III. Total Line Active Energy Calculation
WATMOD LWATSEL0
LWATSEL1 LWATSEL2
0VA
IA*
+ VB
IB*
+ VC
IC*
1VA
(IA*– IB*)+ 0
+ VC
(IC*– IB*)
2VA
(IA*– IB*)+ 0
+ VC
IC*
Note that IA*, IB*, and IC* represent the current channels
samples after APGAIN correction and high-pass filtering.
The line active energy accumulation uses the same signal path
as the active energy accumulation; however, the LSB size of the
two registers is different. If the line active energy register and
active energy register are accumulated at the same time, the line
active energy register will be four times bigger than the active
energy register.
The LAENERGY register is also used to accumulate the reac-
tive energy by setting to Logic 1 Bit 5 of the WAVMode register
(Address 0Ch). See the Reactive Power Calculation section.
When this bit is set to 1, the accumulation of the active energy
over half line cycles in the LAENERGY register is disabled and
is done instead in the LVAENERGY register. Because the
LVAENERGY register is an unsigned value, the accumulation
of the active energy in the LVAENERGY register is unsigned in
this mode. The reactive energy is then accumulated in the
LAENERGY register. See Figure 33. In this mode (reactive en-
ergy), selecting the phases accumulated in the LAENERGY
and LVAENERGY registers is done by the LWATSEL selec-
tion bits of the WATTMode register.
In normal mode, Bit 5 of the WAVMODE register equals 0,
and the type of active power summation in the LAENERGY
register (sum of absolute active power or arithmetic sum) is
selected by Bit 2 of the gain register.
In the mode where the active powers are accumulated in the
LVAENERGY register, and Bit 5 of the WAVMODE register
equals 1, note that the sum of several active powers is always
done ignoring the sign of the active powers. This is due to the
unsigned nature of the LVAENERGY register which does not
allow signed addition.
REACTIVE POWER CALCULATION
Reactive power is defined as the product of the voltage and
current waveforms when one of this signals is phase shifted by
90º at each frequency. It is defined mathematically in the IEEE
Standards Dictionary 100 as
Reactive Power
sin
=×
×
()
=
∞
Σ
n
nn
n
VI
1
ϕ
where Vn and In are the voltage and current rms values of the n
th
harmonics of the line frequency, respectively, and n is the
phase difference between the voltage and current nth harmon-
ics. The resulting waveform is called the instantaneous reactive
power signal (VAR).
Equation 19 gives an expression for the instantaneous reactive
power signal in an ac system without harmonics when the phase
of the current channel is shifted by –90º.
vt
V
t
()
sin(
)
=−
2
11
ωϕ
(17)
it
I
t i t
I
t
()
sin(
) '( )
sin
==
− ∏


22
2
11
ωω
(18)
VAR t
v t
i t
VAR t
V I
VI
t
()
()
'( )
()
sin(
)
sin(
)
=×
=+
+
11
1
1 1
1
2
ϕω
ϕ
(19)
The average power over an integral number of line cycles (n) is
given in Equation 20.
VAR
nT
VAR t dt
V I
nT
==
∫
1
11
1
0
()
sin( )
ϕ
(20)
where T is the line cycle period.
VAR is referred to as the reactive power. Note that the reactive
power is equal to the dc component of the instantaneous reactive
power signal VAR(t) in Equation 19. This is the relationship
used to calculate reactive power in the ADE7754 for each phase.
The instantaneous reactive power signal VAR(t) is generated by
multiplying the current and voltage signals in each phase. In this
case, the phase of the current channel is shifted by –89º. The dc
component of the instantaneous reactive power signal in each
phase (A, B, and C) is then extracted by a low-pass filter to
obtain the reactive power information on each phase. In a
polyphase system, the total reactive power is simply the sum of
the reactive power in all active phases. The different solutions
available to process the total reactive power from the individual
calculation are discussed in the following section.
Figure 32 shows the signal processing in each phase for the
reactive power calculation in the ADE7754.
Since the phase shift applied on the current channel is not –90º
as it should be ideally, the reactive power calculation done in
the ADE7754 cannot be used directly for the reactive power
calculation. Consequently, using the ADE7754 reactive power
measurement only to get the sign of the reactive power is rec-
ommended. The reactive power can be processed using the
power triangle method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com