Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 4 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 4 Page - Analog Devices

  ADE7754_15 Datasheet HTML 1Page - Analog Devices ADE7754_15 Datasheet HTML 2Page - Analog Devices ADE7754_15 Datasheet HTML 3Page - Analog Devices ADE7754_15 Datasheet HTML 4Page - Analog Devices ADE7754_15 Datasheet HTML 5Page - Analog Devices ADE7754_15 Datasheet HTML 6Page - Analog Devices ADE7754_15 Datasheet HTML 7Page - Analog Devices ADE7754_15 Datasheet HTML 8Page - Analog Devices ADE7754_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
REV. 0
–4–
ADE7754
TIMING CHARACTERISTICS1, 2
(AVDD = DVDD = 5 V
5%, AGND = DGND = 0 V, On-Chip Reference, CLKIN = 10 MHz XTAL,
TMIN to TMAX = –40 C to +85 C, unless otherwise noted.)
Parameter
Spec
Unit
Test Conditions/Comments
Write Timing
t1
50
ns (min)
CS Falling Edge to First SCLK Falling Edge
t2
50
ns (min)
SCLK Logic High Pulsewidth
t3
50
ns (min)
SCLK Logic Low Pulsewidth
t4
10
ns (min)
Valid Data Setup Time before Falling Edge of SCLK
t5
5
ns (min)
Data Hold Time after SCLK Falling Edge
t6
400
ns (min)
Minimum Time between the End of Data Byte Transfers
t7
50
ns (min)
Minimum Time between Byte Transfers during a Serial Write
t8
100
ns (min)
CS Hold Time after SCLK Falling Edge
Read Timing
t9
3
4
µs (min)
Minimum Time between Read Command (i.e., a Write to Communication
Register) and Data Read
t10
50
ns (min)
Minimum Time between Data Byte Transfers during a Multibyte Read
t11
4
30
ns (min)
Data Access Time after SCLK Rising Edge following a Write to the
Communications Register
t12
5
100
ns (max)
Bus Relinquish Time after Falling Edge of SCLK
10
ns (min)
t13
5
100
ns (max)
Bus Relinquish Time after Rising Edge of
CS
10
ns (min)
NOTES
1Sample tested during initial release and after any redesign or process change
that may affect this parameter. All input signals are specified with tr = tf = 5 ns
(10% to 90%) and timed from a voltage level of 1.6 V.
2See timing diagrams below and Serial Interface section of this data sheet.
3Minimum time between read command and data read for all registers except
wavmode register, which is t9 = 500 ns min.
4Measured with the load circuit in Figure 1 and defined as the time required for
the output to cross 0.8 V or 2.4 V.
5Derived from the measured time taken by the data outputs to change 0.5 V
when loaded with the circuit in Figure 1. The measured number is then
extrapolated back to remove the effects of charging or discharging the 50 pF
capacitor. The time quoted in the timing characteristics is the true bus relin-
quish time of the part and is independent of the bus loading.
TO
OUTPUT
PIN
CL
50pF
1.6mA
200 A
IOH
IOL
2.1V
Figure 1. Load Circuit for Timing Specifications
CS
SCLK
DIN
A4
A3
A2
A1
A0
DB7
MOST SIGNIFICANT BYTE
t1
t2 t3
t4
t5
t8
1
DB0
DB7
DB0
t6
LEAST SIGNIFICANT BYTE
t7
t7
0
COMMAND BYTE
A5
Figure 2. Serial Write Timing
CS
SCLK
DIN
A4
A3
A2
A1
A0
t1
t11
t12
t9
DB7
DOUT
t13
DB0
DB0
DB7
t10
MOST SIGNIFICANT BYTE
LEAST SIGNIFICANT BYTE
COMMAND BYTE
A5
0
0
Figure 3. Serial Read Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com