Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 18 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 14Page - Analog Devices ADE7754_15 Datasheet HTML 15Page - Analog Devices ADE7754_15 Datasheet HTML 16Page - Analog Devices ADE7754_15 Datasheet HTML 17Page - Analog Devices ADE7754_15 Datasheet HTML 18Page - Analog Devices ADE7754_15 Datasheet HTML 19Page - Analog Devices ADE7754_15 Datasheet HTML 20Page - Analog Devices ADE7754_15 Datasheet HTML 21Page - Analog Devices ADE7754_15 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
REV. 0
–18–
ADE7754
Figure 24 shows the signal processing in each phase for the
active power in the ADE7754.
Figure 25 shows the maximum code (hexadecimal) output
range of the active power signal (after AWG). Note that the
output range changes depending on the contents of the active
power gain and watt gain registers. See the Current Channel
ADC section. The minimum output range is given when the
active power gain and watt gain registers contents are equal to
800h, and the maximum range is given by writing 7FFh to the
active power gain and watt gain registers. These can be used to
calibrate the active power (or energy) calculation in the
ADE7754 for each phase and the total active energy. See the
Total Active Power Calculation section.
0000000h
D1B717h
+ 100% F5
– 100% FS
2E48E9h
+ 150% FS
+ 50% FS
– 50% FS
– 150% FS
13A92A4h
68DB8Ch
972474h
EC56D5Ch
AAPGAIN[11:0] OR AWGAIN[11:0]
000h
7FFh
800h
ACTIVE
POWER
CURRENT CHANNEL
0.5V/GAIN1
VOLTAGE CHANNEL
0.5V/GAIN2
Figure 25. Active Power Calculation Output Range
Power Offset Calibration
The ADE7754 also incorporates an active offset register on each
phase (AAPOS, BAPOS, and CAPOS). These are signed twos
complement 12-bit registers that can be used to remove offsets
in the active power calculations. An offset may exist in the
power calculation because of crosstalk between channels on the
PCB or in the IC itself. The offset calibration allows the con-
tents of the active power register to be maintained at zero when
no power is being consumed.
One LSB in the active power offset register is equivalent to one
LSB in the 28-bit energy bus displayed in Figure 24. Each
time power is added to the internal active energy register, the
content of the active power offset register is added. See the
Total Active Power Calculation section. Assuming the average
value from LPF2 is 8637BCh (8,796,092d) with full ac scale
inputs on current channel and voltage channel, then one LSB in
the LPF2 output is equivalent to 0.011% of measurement error
at –60 dB down of full scale. See the Calibration of a 3-Phase
Meter Based on the ADE7754 Application Note AN-624.
CURRENT SIGNAL – i(t)
–100% TO +100% FS
VOLTAGE SIGNAL – v(t)
–100% TO + 100% FS
INSTANTANEOUS
POWER SIGNAL – p(t)
MULTIPLIER
ACTIVE POWER
SIGNAL – P
I
V
28F5h
D70Bh
28F5C2h
D70A3Eh
00h
00h
AWG
12
D1B717h
1V/GAIN1
1V/GAIN2
HPF
1
24
LPF2
28
SGN
SGN
210
24
22
23
APOS[11:0]
SGN
SGN
SGN
20
21
+
Figure 24. Active Power Signal Processing
Reverse Power Information
The ADE7754 detects when the current and voltage channels
of any of the three phase inputs have a phase difference greater
than 90
° (i.e., |
A| or |
B| or |
C| > 90
°). This mechanism
can detect wrong connection of the meter or generation of
active energy.
The reverse power information is available for Phase A, Phase B,
and Phase C, respectively, by reading Bits 12 to 14 of the CFNUM
register. See Table XI. The state of these bits represents the
sign of the active power of the corresponding phase. Logic 1
corresponds to negative active power.
The AENERGY phase selection bits (WATSEL bits of the
WATMode register) enable the negative power detection per
phase. If Phase A is enabled in the AENERGY accumulation,
Bit 5 of WATMode register sets to Logic 1 and the negative
power detection for Phase A—Bit 12 of CFNUM register—
indicates the direction of the active energy. If Phase A is
disabled in the AENERGY register, the negative power bit for
Phase A is set to Logic 0.
TOTAL ACTIVE POWER CALCULATION
The sum of the active powers coming from each phase provides
the total active power consumption. Different combinations of
the three phases can be selected in the sum by setting Bits 7 and
6 of the WATMode register (mnemonic WATMOD[1:0]).
Figure 26 demonstrates the calculation of the total active power,
which depends on the configuration of the WATMOD bits in
the WATMode register. Each term of the formula can be disabled
or enabled by setting WATSEL bits respectively to Logic 0 or
Logic 1 in the WATMode register. The different configurations
are described in Table I.
Table I. Total Active Power Calculation
WATMOD WATSEL0
WATSEL1
WATSEL2
0d
VA
IA*
+ VB
IB*
+ VC
IC*
1d
VA
(IA*–IB*)+ 0
+ VC
(IC*–IB*)
2d
VA
(IA*–IB*)+ 0
+ VC
IC*
Note that IA*, IB*, and IC* represent the current channel
samples after APGAIN correction and high-pass filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com